Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 4Page - ATMEL Corporation AT43USB353M Datasheet HTML 5Page - ATMEL Corporation AT43USB353M Datasheet HTML 6Page - ATMEL Corporation AT43USB353M Datasheet HTML 7Page - ATMEL Corporation AT43USB353M Datasheet HTML 8Page - ATMEL Corporation AT43USB353M Datasheet HTML 9Page - ATMEL Corporation AT43USB353M Datasheet HTML 10Page - ATMEL Corporation AT43USB353M Datasheet HTML 11Page - ATMEL Corporation AT43USB353M Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
8
AT43USB353M
3307B–USB–4/04
SRAM Data
Memory
Table 5 summarizes how the AT43USB353M SRAM Memory is organized. The lower 1120
Data Memory locations address the Register file, the I/O Memory and the internal data SRAM.
The first 96 locations address the Register File + I/O Memory, and the next 1024 locations
address the internal data SRAM. The five different addressing modes for the data memory
cover: Direct, Indirect with Displacement, Indirect, Indirect with Pre-decrement and Indirect
with Post-increment. In the register file, registers R26 to R31 feature the indirect addressing
pointer registers. Direct addressing reaches the entire data space.
The Indirect with Displacement mode features 63 address locations that reach from the base
address given by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-incre-
ment, the address registers X, Y, and Z are decremented and incremented.
The 32 general-purpose working registers, 64 I/O registers and the 1024 bytes of internal data
SRAM in the AT43USB353M are all accessible through these addressing modes.
To manage the USB hardware, a special set of registers is assigned. These registers are
mapped to SRAM space between addresses $1F00 and 1FFF. Table 5 and Table 6 give an
overview of these registers.
Table 3. Functional Difference Between AT43USB355 and AT43USB353M
Function
AT43USB355
AT43USB353M
Port B
PB[0:7]
No Port B
Port D
PD[0:7]
PD[0:6]
Port F
PF[0:3]
No Port F
External Counter Input
Yes, T0 = PB0, T1 = PB1
No T0, T1
SPI
Yes
No SPI
Analog Reference Input
External
Internally connected to CEXTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com