Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 11Page - ATMEL Corporation AT43USB353M Datasheet HTML 12Page - ATMEL Corporation AT43USB353M Datasheet HTML 13Page - ATMEL Corporation AT43USB353M Datasheet HTML 14Page - ATMEL Corporation AT43USB353M Datasheet HTML 15Page - ATMEL Corporation AT43USB353M Datasheet HTML 16Page - ATMEL Corporation AT43USB353M Datasheet HTML 17Page - ATMEL Corporation AT43USB353M Datasheet HTML 18Page - ATMEL Corporation AT43USB353M Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
15
AT43USB353M
3307B–USB–4/04
Functional Description
On-chip Power
Supply
The AT43USB353M contains three on-chip power supplies that generate 3.3V with a capacity
of 30 mA each from the 5V power input. The on-chip power supplies are intended to supply the
AT43USB353M internal circuit and the 1.5K pull-up resistor only and should not be used for
other purposes. External 2.2 µF filter capacitors are required at the power supply outputs,
CEXT1 and CEXT2, and a 0.33 µF capacitor at CEXTA. The internal power supplies can be
disabled as described in the next paragraph.
The user should be careful when the GPIO pins are required to supply high-load currents. If the
application requires that the GPIO supply currents beyond the capability of the on-chip power
supply, the AT43USB353M should be supplied by an external 3.3V power supply. In this case,
the 5V V
CC power supply pin should be left unconnected and the 3.3V power supplied to the
chip through the CEXT1, CEXT2 and CEXTA pins.
I/O Pin
Characteristics
The I/O pins of the AT43USB353M should not be directly connected to voltages less than V
SS
or more than the voltage at the CEXTx pins. If it is necessary to violate this rule, insert a series
resistor between the I/O pin and the source of the external signal source that limits the current
into the I/O pin to less than 2 mA. Under no circumstance should the external voltage exceed
5.5V. To do so will put the chip under excessive stress.
Oscillator and PLL
All clock signals required to operate the AT43USB353M are derived from an on-chip oscillator.
To reduce EMI and power dissipation, the oscillator is designed to operate with a 6 MHz crys-
tal. An on-chip PLL generates the high frequency for the clock/data separator of the Serial
Interface Engine. In the suspended state, the oscillator circuitry is turned off.
The oscillator of the AT43USB353M is a special, low-drive type, designed to work with most
crystals without any external components. The crystal must be of the parallel resonance type
requiring a load capacitance of about 10 pF. If the crystal requires a higher value capacitance,
external capacitors can be added to the two terminals of the crystal and ground to meet the
required value. To assure quick start-up, a crystal with a high Q, or low ESR, should be used.
To meet the USB hub frequency accuracy and stability requirements for hubs, the crystal
should have an accuracy and stability of better than 100 PPM. The use of a ceramic resonator
in place of the crystal is not recommended because a resonator would not have the necessary
frequency accuracy and stability.
The clock can also be externally sourced. In this case, connect the clock source to the XTAL1
pin, while leaving XTAL2 pin floating. The switching level at the OSC1 pin can be as low as
0.47V and a CMOS device is required to drive this pin to maintain good noise margins at the
low switching level.
For proper operation of the PLL, an external RC filter consisting of a series RC network of
100
Ω and 0.1 µF in parallel with a 0.01 µF capacitor must be connected from the LFT pin to
V
SS. Use only high-quality ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com