Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 19Page - ATMEL Corporation AT43USB353M Datasheet HTML 20Page - ATMEL Corporation AT43USB353M Datasheet HTML 21Page - ATMEL Corporation AT43USB353M Datasheet HTML 22Page - ATMEL Corporation AT43USB353M Datasheet HTML 23Page - ATMEL Corporation AT43USB353M Datasheet HTML 24Page - ATMEL Corporation AT43USB353M Datasheet HTML 25Page - ATMEL Corporation AT43USB353M Datasheet HTML 26Page - ATMEL Corporation AT43USB353M Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
23
AT43USB353M
3307B–USB–4/04
Timer/Counter Interrupt Flag Register – TIFR
• Bit 7 – TOV1: Timer/Counter1 Overflow Flag
The TOV1 is set (one) when an overflow occurs in Timer/Counter1. TOV1 is cleared by the
hardware when executing the corresponding interrupt handling vector. Alternatively, TOV1 is
cleared by writing a logic one to the flag. When the I-bit in SREG, and TOIE1 (Timer/Counter1
Overflow Interrupt Enable), and TOV1 are set (one), the Timer/Counter1 Overflow Interrupt is
executed. In PWM mode, this bit is set when Timer/Counter1 changes counting direction at
$0000.
• Bit 6 – OCF1A: Output Compare Flag 1A
The OCF1A bit is set (one) when compare match occurs between the Timer/Counter1 and the
data in OCR1A - Output Compare Register 1A. OCF1A is cleared by the hardware when exe-
cuting the corresponding interrupt handling vector. Alternatively, OCF1A is cleared by writing a
logic one to the flag. When the I-bit in SREG, and OCIE1A (Timer/Counter1 Compare match
InterruptA Enable), and the OCF1A are set (one), the Timer/Counter1 Compare A match Inter-
rupt is executed.
• Bit 5 – OCF1B: Output Compare Flag 1B
The OCF1B bit is set (one) when compare match occurs between the Timer/Counter1 and the
data in OCR1B - Output Compare Register 1B. OCF1B is cleared by the hardware when exe-
cuting the corresponding interrupt handling vector. Alternatively, OCF1B is cleared by writing a
logic one to the flag. When the I-bit in SREG, and OCIE1B (Timer/Counter1 Compare match
InterruptB Enable), and the OCF1B are set (one), the Timer/Counter1 Compare B match Inter-
rupt is executed.
• Bit 4 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB353M and always reads zero.
• Bit 3 – ICF1: - Input Capture Flag 1
The ICF1 bit is set (one) to flag an input capture event, indicating that the Timer/Counter1
value has been transferred to the input capture register - ICR1. ICF1 is cleared by the hard-
ware when executing the corresponding interrupt handling vector. Alternatively, ICF1 is
cleared by writing a logic one to the flag. When the SREG I-bit, and TICIE1 (Timer/Counter1
Input Capture Interrupt Enable), and ICF1 are set (one), the Timer/Counter1 Capture Interrupt
is executed.
• Bit 2 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB353M and always reads zero.
• Bit 1 – TOV: Timer/Counter0 Overflow Flag
The bit TOV0 is set (one) when an overflow occurs in Timer/Counter0. TOV0 is cleared by the
hardware when executing the corresponding interrupt handling vector. Alternatively, TOV0 is
cleared by writing a logic one to the flag. When the SREG I- bit, and TOIE0 (Timer/Counter0
Overflow Interrupt Enable), and TOV0 are set (one), the Timer/Counter0 Overflow interrupt is
executed.
• Bit 0 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB353M and always reads zero.
Bit
7
6
543
2
1
0
$38 ($58)
TOV1
OCF1A
OCIFB
–
ICF1
–
TOV0
–
TIFR
Read/Write
R/W
R/W
R/W
R
R/W
R
R/W
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com