Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT43USB353M Datasheet HTML 30Page - ATMEL Corporation AT43USB353M Datasheet HTML 31Page - ATMEL Corporation AT43USB353M Datasheet HTML 32Page - ATMEL Corporation AT43USB353M Datasheet HTML 33Page - ATMEL Corporation AT43USB353M Datasheet HTML 34Page - ATMEL Corporation AT43USB353M Datasheet HTML 35Page - ATMEL Corporation AT43USB353M Datasheet HTML 36Page - ATMEL Corporation AT43USB353M Datasheet HTML 37Page - ATMEL Corporation AT43USB353M Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 95 page
background image
34
AT43USB353M
3307B–USB–4/04
Timer/Counters
The AT43USB353M provides two general-purpose Timer/Counters - one 8-bit T/C and one
16-bit T/C. The Timer/Counters have individual prescaling selection from the same 10-bit
prescaling timer. The Timer/Counters of the AT43USB353M do not have external trigger
inputs like those of the AT43USB355.
Timer/Counter
Prescaler
The four different prescaled selections are: CK/8, CK/64, CK/256 and CK/1024 where CK is
the oscillator clock. For the two Timer/Counters, added selections as CK, external source and
stop, can be selected as clock sources.
Note:
When the
AT43USB353M MCU is operating at 24 MHz, the MCU clock frequency is
halved before it is used in the Timer/Counter Prescaler circuit. The source clock for
the Timer/Counter is always 12 MHz.
Figure 9. Timer/Counter Prescaler
10-bit T/C Prescaler
CS00
CS01
CS02
CS10
CS11
CS12
0
0
CK
T0
T1
Timer/Counter1 Clock Source
TCK1
Timer/Counter0 Clock Source
TCK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com