Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33889
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Figure 4. Test Circuit for AC Characteristics
Figure 5. ISO loop time without bus failure
Figure 6. ISO Loop Time with Bus Failure
Edge Count Difference Between CANH and CANL for Failures
1, 2, 5 Detection (Failure bit set, Normal Mode)
ECDF
3
Edge Count Difference Between CANH And CANL For
Failures 1, 2, 5 Recovery (Normal Mode)
ECDR
3
TX Permanent Dominant Timer Disable Time
(Normal Mode And Failure Mode)
tTX,D
0.75
4.0
ms
TX Permanent Dominant Timer Enable Time
(Normal Mode And Failure Mode)
tTX,E
10
60
µs
Table 5. Dynamic Electrical Characteristics (continued)
VSUP From 5.5 V to 18 V, V2INT from 4.75 to 5.25 V and TJ from -40°C to 150°C unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Conditions
Symbol
Min
Typ
Max
Unit
CANH
CANL
R
R
C
C
VDD
C
R = 100ohms
C = 1nF
CANH
CANL
1nF
5V
1nF
500
500
RtH
RtL
Rx
Tx
MC33889D
RcanL
RcanH
RcanL = RcanH = 125 ohms
CANH
CANL
1nF
1nF
500
500
RtH
RtL
RcanL
RcanH
Rx
Tx
MC33889D
Generator (*)
Bus
Failure
Vbat
RcanL = RcanH = 125 ohms
except for failure CANH short to CANL
(Rcanl = 1M ohms)
CANL short to gnd, Vdd, Vbat
CANHshort to gnd, Vdd, Vbat
CANL short to CANH
CANL and CANH open
(*) List of failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com