Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33889
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Transient Voltage At Pins CANH, CANL
0.0 < V2-INT < 5.5 V; VSUP ≥ 0.0; T < 500 ms
VCANH/VCANL
-40
40
V
Transient Voltage On Pins CANH, CANL (Coupled Through
1.0 nF Capacitor)
VTR
-150
100
V
Detection Threshold For Short-circuit To Battery Voltage
(Term VBAT Mode) MC33889B
VCANH
VSUP/2+3
VSUP/2+5
V
Detection Threshold For Short-circuit To Battery Voltage
(Term VBAT Mode) MC33889D
VCANH
VSUP/2+3
VSUP/
2+4.55
V
DC Voltage On Pins RTH, RTL
VRTL, VRTH
-0.3
+27
V
Transient Voltage At Pins RTH, RTL
0.0 < V2-INT < 5.5 V; VSUP ≥ 0.0; T < 500 ms
VRTH/VRTL
-0.3
40
V
TRANSMITTER DATA PIN (TX)
High Level Input Voltage
VIH
0.7*V2
V2+0.3V
V
Low Level Input Voltage
VIL
-0.3
0.3 * V2
V
TX High Level Input Current (VI = 4.0 V)
ITXH
-100
-50
-25
µA
TX Low Level Input Current (VI = 1.0 V)
ITXL
-100
-50
-25
µA
RECEIVE DATA PIN (RX)
High Level Output Voltage RX (I0 = -250 µA)
VOH
V2-INT - 0.9
V2-INT
V
Low Level Output Voltage (I0 = 1.5 mA)
VOL
0.0
0.9
V
CAN HIGH AND CAN LOW PINS (CANH, CANL)
Differential Receiver, Recessive To Dominant Threshold
(By Definition, VDIFF = VCANH-VCANL)
For 33889D
For 33889B
VDIFF1
-3.5
-3.2
-3.0
-2.6
-2.5
-2.1
V
Differential Receiver, Dominant To Recessive Threshold
(Bus Failures 1, 2, 5)
For 33889D
For 33889B
VDIFF2
-3.5
-3.2
-3.0
-2.6
-2.5
-2.1
V
CANH Recessive Output Voltage
TX = 5.0 V; R(RTH) < 4.0 k
VCANH
0.2
V
CANL Recessive Output Voltage
TX = 5.0 V; R(RTL) < 4.0 k
VCANL
V2-INT - 0.2
V
Table 4. Static Electrical Characteristics (continued).
Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com