Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33889
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 19. Simplified State Machine in Debug Mode
Simplified State machine in debug modes
Wake-up
Normal Request
Standby Debug
Normal
W/D
: Trig
ger
Standby
SPI: Standby debug
SP
I: no
rma
l de
bug
Reset
Reset
counter
(1ms) expired
W/D: timeout 350ms
Sleep
SPI: Normal debug
Normal Debug
Stop (1)
E
E
Wake-up
R
R
R
R
R
R
R
(1) If stop mode entered, it is entered without watchdog, no matter the WDSTOP bit.
(E) debug mode entry point (step 5 of the debug mode entering sequence).
(R) represents transitions to reset mode due to Vdd1 low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com