Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
Analog Integrated Circuit Device Data
56
Freescale Semiconductor
33889
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Introduction
This thermal addendum is provided as a supplement to the MC33889 technical
datasheet. The addendum provides thermal performance information that may be
critical in the design and development of system applications. All electrical,
application, and packaging information is provided in the datasheet.
Packaging and Thermal Considerations
The MC33889 is offered in a 28 pin SOICW, single die package. There is a
single heat source (P), a single junction temperature (TJ), and thermal resistance
(RθJA).
The stated values are solely for a thermal performance comparison of one
package to another in a standardized environment. This methodology is not
meant to and will not predict the performance of a package in an application-
specific environment. Stated values were obtained by measurement and
simulation according to the standards listed below.
Standards
Figure 23. Surface Mount for SOIC Wide Body
Non-Exposed Pad
28-PIN
SOICW
33889DW
DWB SUFFIX
EG SUFFIX (PB-FREE)
98ASB42345
28-PIN SOICW
NOTE FOR PACKAGE DIMENSIONS,
REFER TO THE 33889 DEVICE DATASHEET.
33889EG
TJ
=
RθJA
.
P
Table 34. Thermal Performance Comparison
Thermal Resistance
[
°C/W]
ΡθJA (1) (2)
42
ΡθJB (2) (3)
11
ΡθJA (1) (4)
69
ΡθϑΧ (5)
23
Notes
1.
Per JEDEC JESD51-2 at natural convection, still air
condition.
2.
2s2p thermal test board per JEDEC JESD51-7.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the center lead.
4.
Single layer thermal test board per JEDEC JESD51-3.
5.
Thermal resistance between the die junction and the
package top surface; cold plate attached to the package top
surface and remaining surfaces insulated.
20 Terminal SOICW
1.27 mm Pitch
18.0 mm x 7.5 mm Body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com