Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33889
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 13. CAN Normal Signal Communication and CAN Open Wire
Figure 14. Open Wire Detection Principle
Open wire detection, MC33889B and D:
Failure detection:
The device will detect a difference in toggling counts
between the differential receiver and one of the single ended
receivers. Every time a difference in count is detected a
counter is incremented. When the counter reaches 4, the
device detects and reports an open wire condition.
The open
wire detection is performed only when the device
receives a message and not when it send message.
Open wire recovery:
When the open wire failure has recovered, the difference
in count is reduced and the device detects the open wire
recovery.
MC33889B:
When detection is complete, the counter is no longer
incremented. It can only be decremented by sampling of the
dominant level on the S-H (S-L) (recovery pulse). When it
reaches zero, the failure has recovered.
CANH
CANL
Diff
S-L
S-H
-3.2V
Rec
Dom
Rec
Sampling point
CANH
CANL
Diff
S-L
S-H
-3.2V
Rec
Dom
Rec
Sampling point
Sampling recessive level
= > open wire “detection pulse”
1us
(No open wire, or open wire recovery)
(CAN H open wire)
Sampling dominant level
= > no failure or “recovery pulse”
Diff
CANH
CANL
S-H
1us
Sampling
Dom Rec
S-L
1us
Sampling
CANH counter
L-open
L-counter +/-
(count = 4)
recover
(count = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com