Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 13. Control bits
Table 14. CAN register
Some description.
Status bit
Bit value
Description
WDSTOP
0
No watchdog in stop mode
1
Watchdog runs in stop mode
NOSTOP
0
Stop mode is default low power mode
1
Sleep mode is default low power mode
RSTTH
0
Reset threshold 1 selected (typ 4.6V)
1
Reset threshold 2 selected (typ 4.2V)
CANWU
1
Wake-rom CAN
TXFAILURE
1
Tx permanent dominant (CAN)
CAN
D3
D2
D1
D0
$010b
W
FDIS
CEXT
CCTR1
CCTR0
R
CS3
CS2
CS1
CS0
Reset
0
0
0
0
Reset condition
POR, CAN
POR, CAN
POR, CAN
POR, CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com