Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33889
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Delay between SPI and “CAN normal mode”
SBC Normal mode (24)
tS-CANN
-
-
10
µs
Delay between SPI and “CAN sleep mode”
SBC Normal mode (24)
tS-CANS
-
-
10
µs
Delay between CS wake-up (CS low to high) and SBC
normal request mode (VDD1 on & reset high)
SBC in stop mode
tW-CS
15
40
90
µs
Delay between CS wake-up (CS low to high) and first
accepted SPI command
SBC in stop mode
tW-SPI
90
-
-
µs
Delay between INT pulse and 1st SPI command accepted
In stop mode after wake-up
tS-1STSPI
20
-
-
µs
Delay between two SPI messages addressing the same
register
For 33889D only
t2SPI
25
-
-
µs
INPUT PINS (L0 AND L1)
Wake-up Filter Time (enable/disable option on L0 input)
(If filter enabled)
tWUF
8.0
20
38
µs
PIN AC CHARACTERISTICS (CANH, CANL, RX, TX)
CANL and CANH Slew Rates (25% to 75% CAN signal). (25)
Recessive to Dominant state
Dominant to Recessive state
tSLDR
2.0
2.0
8.0
9.0
V/
µs
Propagation Delay
TX to RX Low. -40°C < T
≤ 25°C. (26)
TX to RX Low. 25°C < T < 125°C. (26)
tONRX
1.2
1.1
1.6
1.8
µs
Propagation Delay TX to RX High. (26)
tOFFRX
1.8
2.2
µs
Notes
24.
Guaranteed by design
25.
Dominant to recessive slew rate is dependant upon the bus load characteristics.
26.
AC Characteristics measured according to schematic Figure 4
Table 5. Dynamic Electrical Characteristics (continued)
VSUP From 5.5 V to 18 V, V2INT from 4.75 to 5.25 V and TJ from -40°C to 150°C unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Conditions
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com