Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Cyclic sense/FWU timing 3
Sleep and stop modes
CSFWU3
12.9
18.5
24
ms
Cyclic sense/FWU timing 4
Sleep and stop modes
CSFWU4
25.9
37
48.1
ms
Cyclic sense/FWU timing 5
Sleep and stop modes
CSFWU5
51.8
74
96.2
ms
Cyclic sense/FWU timing 6
Sleep and stop modes
CSFWU6
66.8
95.5
124
ms
Cyclic sense/FWU timing 7
Sleep and stop modes
CSFWU7
134
191
248
ms
Cyclic sense/FWU timing 8
Sleep and stop modes
CSFWU8
271
388
504
ms
Cyclic sense On time
in sleep and stop modes
tON
200
300
400
µs
Cyclic sense/FWU timing accuracy
in sleep and stop mode
tACC
-30
-
+30
%
Delay between SPI command and HS1 turn on (23)
Normal or standby mode, VSUP > 9.0 V
tS-HSON
-
-
22
µs
Delay between SPI command and HS1 turn off (23)
Normal or standby mode, VSUP > 9.0 V
tS-HSOFF
-
-
22
µs
Delay between SPI and V2 turn on (23)
Standby mode
tS-V2ON
9.0
-
25
µs
Delay between SPI and V2 turn off (23)
Normal modes
tS-V2OFF
9.0
-
25
µs
Delay between Normal Request and Normal mode, after
W/D trigger command
Normal request mode
tS-NR2N
15
35
70
µs
Notes
23.
State Machine Timing - Delay starts at rising edge of CS (end of SPI command) and start of Turn on or Turn off of HS1 or V2.
Table 5. Dynamic Electrical Characteristics (continued)
VSUP From 5.5 V to 18 V, V2INT from 4.75 to 5.25 V and TJ from -40°C to 150°C unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Conditions
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com