Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
33889
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 21. 33889D/33889B Simplified Typical Application with Ballast Transistor
Figure 22. 33889D/33889B Simplified Typical Application without Ballast Transistor
Programmable
SPI Interface
Dual Voltage Regulator
VSUP monitor
VDD1 Monitor
HS1 control
Mode control
Reset
Watchdog
wake-up input
CS
SCLK
MOSI
RESET
INT
V2CTRL
VDD1
HS1
Oscillator
V2
WDOG
VSUP
V2
Interrupt
VBAT
Q1
L0
L1
MISO
RXD
TXD
Low Speed
Physical Interface
CANL
CANH
RRTH
RTH
RTL
RRTL
Fault Tolerant CAN
GND
5V/200mA
CAN
supply
5V
5V/200mA
RB
Programmable
SPI Interface
Dual Voltage Regulator
VSUP Monitor
VDD1 Monitor
HS1 Control
Mode Control
Reset
Watchdog
wake-up input
CS
SCLK
MOSI
RESET
INT
5V/200mA
V2CTRL (open)
VDD1
HS1
Oscillator
V2
WDOG
VSUP
V2
Interrupt
VBAT
L0
L1
MISO
RX
TX
Low Speed
Physical Interface
CANL
CANH
RRTH
RTH
RTL
RRTL
Fault Tolerant CAN
GND
CAN
supply
5V/100mA
5V/100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com