Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
Analog Integrated Circuit Device Data
42
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
(1): Bit BATFAIL cannot be set by SPI. BATFAIL is set when VSUP falls below 3V.
(2): Watchdog ON or OFF depends on the RCR register bit D3.
(3): Before entering sleep mode, bit NOSTOP in RCR register must be previously set to 1.
(4): Stop command should be replaced by Stop Watchdog OFF. MCTR2=0, MCTR1= MCTR0=1
Table 11. Status bits
Table 12. RCR register
0
1
1
Stop, watchdog on (2)
1
0
0
Sleep (3)
1
0
1
Normal
No watchdog running, debug mode
1
1
0
Standby
1
1
1
Stop (4)
STATUS BIT
DESCRIPTION
GFAIL
Logic OR of CAN failure, HS1 failure, V2LOW
BATFAIL
Battery fail flag (VSUP<3V)
VDDTEMP
Temperature pre-warning on VDD (latched)
WDRST
Watchdog reset occurred
RCR
D3
D2
D1
D0
$001b
W
WDSTOP
NOSTOP
RSTTH
R
TXFAILURE
CANWU
Reset
1
0
0
Reset condition
POR, RESET
POR, NR2N
POR
MCTR2
MCTR1
MCTR0
SBC MODE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com