Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33889
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 15. Bus State Report of the CAN Interface Wake-Up Comparator on CANL and CANH
Rx
CANL
CANH
Dominant
Recessive
state
state
CANL terminated to Vbat
Dominant
Recessive
state
state
Other CAN node send
TWAKE
TWAKE
CAN in TxRx
MC33889D in Normal mode
CAN in TermVbat
MC33889D in Normal mode, Standby mode or in stop mode
CAN in TxRx
MC33889D in Normal mode
Dominant state
TWAKE
Tx sender node
Rx MC33889D
TRX_DOM
TBUS_DOM
TWAKE: duration of the CAN wake up filter, typ 16µs. The MC33889D Rx dominant low level duration is the difference
between the duration of the bus minus the Twake, as illustrated below (Trx_dom = Tbus_dom - Twake)
Example: A dominant duration at the bus level of 5
bits of 8us each results in a 40us bus dominant.
This results in a 24
µs (40µs-16µs) dominant level at
Rx of MC33889D (while the CAN of the MC33889D
is in TermVbat).
Tx MC33889D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com