Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33889
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 8. Device Signal Waveforms
Figure 9. Timing Characteristic
t
VTH(RD)
VTH(DR)
0.7VCC
0.3VCC
tONRX
tOFFRX
-5.0V
2.2V
VRX
VDIFF
VTX
tOFFTX
CANH
CANL
5.0V
0.0V
3.6V
1.4V
DOMINANT Bit
RECESSIVE Bit
RECESSIVE Bit
TX High: RECESSIVE Bit
TX Low: DOMINANT Bit
TX HIgh: RECESSIVE Bit
D0
D0
Undefined
Don’t Care
D7
Don’t Care
TLEAD
TSIH
TSISU
TLAG
TPCLK
TWCLKH
TWCLKL
TVALID
Don’t Care
D7
TSODIS
CS
SCLK
MOSI
MISO
TSOEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com