Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
VSUP From 5.5 V to 18 V, V2INT from 4.75 to 5.25 V and TJ from -40°C to 150°C unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Conditions
Symbol
Min
Typ
Max
Unit
DIGITAL INTERFACE TIMING (SCLK, CS, MOSI, MISO)
SPI operation frequency
FREQ
-
-
4.0
MHz
SCLK Clock Period
tPCLK
250
-
-
ns
SCLK Clock High Time
tWSCLKH
125
-
-
ns
SCLK Clock Low Time
tWSCLKL
125
-
-
ns
Falling Edge of CS to Rising
Edge of SCLK
tlLEAD
100
50
-
ns
Falling Edge of SCLK to Rising Edge of CS
tLAG
100
50
-
ns
MOSI to Falling Edge of SCLK
tSISU
40
25
-
ns
Falling Edge of SCLK to MOSI
tSIH
40
25
-
ns
MISO Rise Time (CL = 220 pF)
tRSO
-
25
50
ns
MISO Fall Time (CL = 220 pF)
tfSO
-
25
50
ns
Time from Falling or Rising Edges of CS to:
- MISO Low Impedance
- MISO High Impedance
tSOEN
tSODIS
-
-
50
50
ns
Time from Rising Edge of SCLK to MISO Data Valid
0.2 V1
≤ SO ≥ 0.8 V1, CL = 200 pF
tVALID
-
-
50
ns
Delay between CS low to high transition (at end of SPI stop
command) and Stop or sleep mode activation (21)
detected by V2 off
TCS-STOP
18
-
34
µs
Interrupt low level duration
SBC in stop mode
TINT
7.0
10
13
µs
Internal oscillator frequency
All modes except Sleep and Stop (21)
OSC-F1
-
100
-
kHz
Notes
21.
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com