Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33889
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The MC33889 is an integrated circuit dedicated to
automotive applications. It includes the following functions:
• One full protected voltage regulator with 200 mA total
output current capability.
• Driver for external path transistor for V2 regulator function.
• Reset, programmable watchdog function
• Four operational modes
• Wake-up capabilities: Forced wake-up, cyclic sense and
wake-up inputs, CAN and the SPI
• Can low speed fault tolerant physical interface.
FUNCTIONAL PIN DESCRIPTION
RECEIVE AND TRANSMIT DATA (RX AND TX)
The RX and TX pins (receive data and transmit data pins,
respectively) are connected to a microcontroller’s CAN
protocol handler. TX is an input and controls the CANH and
CANL line state (dominant when TX is LOW, recessive when
TX is HIGH). RX is an output and reports the bus state (RX
LOW when CAN bus is dominant, HIGH when CAN bus is
recessive).
VOLTAGE REGULATOR ONE (VDD1)
The VDD1 pin is the output pin of the 5.0 V internal
regulator. It can deliver up to 200 mA. This output is protected
against overcurrent and overtemperature. It includes an
overtemperature pre-warning flag, which is set when the
internal regulator temperature exceeds 130°C typical. When
the temperature exceeds the overtemperature shutdown
(170°C typical), the regulator is turned off. VDD1 includes an
undervoltage reset circuitry, which sets the RST pin LOW
when VDD is below the undervoltage reset threshold.
RESET (RST)
The Reset pin RST is an output that is set LOW when the
device is in reset mode. The RST pin is set HIGH when the
device is not in reset mode. RST includes an internal pullup
current source. When RST is LOW, the sink current capability
is limited, allowing RST to be shorted to 5.0 V for software
debug or software download purposes.
INTERRUPT (INT)
The Interrupt pin INT is an output that is set LOW when an
interrupt occurs. INT is enabled using the Interrupt Register
(INTR). When an interrupt occurs, INT stays LOW until the
interrupt source is cleared. INT output also reports a wake-up
event by a 10 sec. typical pulse when the device is in Stop
mode.
GROUND (GND)
This pin is the ground of the integrated circuit.
V2CTRL (V2CTRL)
The V2CTRL pin is the output drive pin for the V2 regulator
connected to the external series pass transistor.
VOLTAGE SUPPLY (VSUP)
The VSUP pin is the battery supply input of the device.
HIGH-SIDE OUTPUT 1 (HS1)
The HS pin is the internal high-side driver output. It is
internally protected against overcurrent and
overtemperature.
LEVEL 0-1 INPUTS (L0: L1)
The L0: L1 pins can be connected to contact switches or
the output of other ICs for external inputs. The input states
can be read by the SPI. These inputs can be used as wake-
up events for the SBC when operating in the Sleep or Stop
mode.
VOLTAGE REGULATOR TWO (V2)
The V2 pin is the input sense for the V2 regulator. It is
connected to the external series pass transistor. V2 is also
the 5.0 V supply of the internal CAN interface. It is possible to
connect V2 to an external 5.0 V regulator or to the VDD
output when no external series pass transistor is used. In this
case, the V2CTRL pin must be left open.
RTH (RTH)
Pin for the connection of the bus termination resistor to
CANH
RTL (RTL)
Pin for the connection of the bus termination resistor to
CANL
CAN HIGH AND CAN LOW OUTPUTS
(CANH AND CANL)
The CAN High and CAN Low pins are the interfaces to the
CAN bus lines. They are controlled by TXD input level, and
the state of CANH and CANL is reported through RXD output.
SYSTEM CLOCK (SCLK)
SCLK is the Serial Data Clock input pin of the serial
peripheral interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com