Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
CAN TRANSCEIVER DESCRIPTION
Figure 12. Simplified Block Diagram of the CAN Transceiver of the MC33889
General description
CAN driver:
The CANH driver is a “high side” switch to the V2 voltage
(5V). The CANL driver is a “low side” switch to gnd.The turn
on and turn off time is controlled in order to control the slew
rate, and the CANH and CANL driver have a current limitation
as well as an over temperature shutdown.
The CAN H or CANL driver can be disabled in case a
failure is detected on the CAN bus (ex: CANH driver is
disabled in case CANH is shorted to VDD). The disabling of
one of the drivers is controlled by the CAN logic and the
communication continues via the other drivers. When the
failure is removed the logic detects a failure recovery and
automatically reenables the associated driver.
The CAN drivers are also disabled in case of a Tx failure
detection.
Bus termination:
The bus is terminated by pull up and pull down resistors,
which are connected to GND, VDD or VBAT through
dedicated RTL and RTH pins and internal switches Srh, Srl,
Stvbat. Each node must have a resistor connected between
CANH and RTH and between CANL and RTL. The resistor
value should be between 500 and 16000 ohms.
Transmitter Function
CAN bus levels are called Dominant and Recessive, and
correspond respectively to Low and High states of the TX
input pin.
Dominant state:
The CANH and CANL drivers are on. The voltage at CANL
is <1.4V, the voltage at CANH is >3.6V, and the differential
voltage between CANH and CANL line is >2.2V (3.6V-1.4V).
Recessive state:
This is a weak state, where the CANH and CANL drivers
are off. The CANL line is pulled up to 5V via the RTL pin and
RTL resistor, and the CANH line is pull down via the RTH and
RTH resistor. The resultant voltage at CANL is 5V and 0V at
CANH. The differential voltage is -5V (0V - 5V). The
recessive state can be over written by any other node forcing
a Dominant state.
GND
CANH
V2
RTL
CANL
RTH
Vdiff
SH
SL
RXD
Stvbat
SRL
SRH
Driver
Driver
TXD
VSE-H (1.85V)
VSE-L (3.05V)
CANH
CANL
Failure detection
Rx multiplexer
Tx driver
Hwake
Lwake
Vwake-H (2V)
Vwake-L (3V)
CANH
CANL
CAN
SPI
Vsup
mode control
V2
RtL
RtH
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com