Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Analog Integrated Circuit Device Data
52
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 33. Status bits:
Notes:
If HS1OT-V2LOW interrupt is only selected (only bit D2 set
in INTR register), reading INTR register bit D2 leads to two
possibilities:
Bit D2 = 1: INT source is HS1OT
Bit D2 = 0: INT source is V2LOW.
Upon a wake-up condition from stop mode due to over current detection (IDD1S-WU1 or IDD1S-WU2), an INT pulse is generated,
however INTR register contain remains at 0000 (not bit set into the INTR register).
Status bit
Description
CANF
CAN failure
VDDTEMP
VDD medium temperature
HS1OT
HS1 over temperature
VSUPLOW
VSUP below 6.1V typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com