Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 18. IOR register.
Table 19. Control bits
Table 20. Gnd shift selection
IOR
D3
D2
D1
D0
$011b
W
HS1ON
GSLR1
GSLR0
R
SHIFT
HS1OT
V2LOW
VSUPLOW
Reset
0
0
0
Reset condition
POR, RESET
POR, RESET
POR, RESET
HS1ON
HS1
0
HS1 switch turn OFF
1
HS1 switch turn ON
GSLR1
GSLR0
Typical gnd shift comparator level
0
0
-0.3 V
0
1
-0.7 V
1
0
-1.2 V
1
1
-1.7 V
Shift
State
0
Gnd shift value is lower than the level selected by the GSLR1 and GSLR2 bit
1
Gnd shift value is higher than the level selected by the GSLR1 and GSLR2 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com