Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33889
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOGIC OUTPUT PINS (MISO)
Low Level Output Voltage
IOUT = 1.5 mA
VOL
-
-
1.0
V
High Level Output Voltage
IOUT = -250 µA
VOH
VDD1-0.9
-
-
V
Tri-state MISO Leakage Current
0.0 V < Vmiso < VDD
IHZ
-2.0
-
+2.0
µA
LOGIC INPUT PINS (MOSI, SCLK, CS)
High Level Input Voltage
VIH
0.7VDD1
-
VDD1+0.3V
Low Level Input Voltage
VIL
-0.3
-
0.3 VDD1
V
Input Current on CS
VI = 4.0 V
VI = 1.0 V
IIH
IIL
-100
-
-20
µA
Low Level Input Current CS
VI = 1.0 V
IIL
-100
-
-20
µA
MOSI, SCLK Input Current
0.0 < VIN < VDD
IIN
-10
-
10
µA
RESET PIN (RST)
High Level Output current
0.0 < Vout < 0.7 VDD
IOH
-350
-250
-150
µA
Low Level Output Voltage (I0 = 1.5 mA)
5.5 v < VSUP < 27 V
1.0 V < VDD1
VOL
0.0
0.0
-
-
0.9
0.9
V
Reset pull down current
IPDW
2.3
-
5.0
mA
WATCHDOG PIN (WDOG)
Low Level Output Voltage (I0 = 1.5 mA)
5.5 V < VSUP < 27 V
VOL
0.0
-
0.9
V
High Level Output Voltage (I0 = -250 µA)
VOH
VDD1 -0.9
-
VDD1
V
INTERRUPT PIN (INT)
Low Level Output Voltage (I0 = 1.5 mA)
VOL
0.0
-
0.9
V
High Level Output Voltage (I0 = -250 µA)
VOH
VDD1 -0.9
-
VDD1
V
HIGH-SIDE OUTPUT PIN (HS1)
RDSON at Tj = 25°C, and IOUT -150 mA
VSUP>9V
RDSON25
-
-
2.5
Ohms
Table 4. Static Electrical Characteristics (continued).
Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com