Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33889 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33889
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Device Variations Between the 33889D and 33889B Versions (1)
Parameters
Symbol
Trait
Device Part Number
MC33889B(2)
MC33889D(2)
Differential Receiver, Recessive To Dominant Threshold
(By Definition, VDIFF = VCANH-VCANL)
VDIFF1
Min
3.2 V
3.5 V
Typ
2.6 V
3.0 V
Max
2.1 V
2.5 V
Differential Receiver, Dominant To Recessive Threshold
(Bus Failures 1, 2, 5)
VDIFF2
Min
3.2 V
3.5 V
Typ
2.6 V
3.0 V
Max
2.1 V
2.5 V
CANH Output Current (VCANH = 0; TX = 0.0)
ICANH
Min
50 mA
50 mA
Typ
75 mA
100 mA
Max
110 mA
130 mA
CANL Output Current (VCANL = 14 V; TX = 0.0)
ICANL
Min
50 mA
50 mA
Typ
90 mA
140 mA
Max
135 mA
170 mA
Detection threshold for Short circuit to Battery voltage
Vcanh
max
Vsup/2 + 5V
Vsup/2 + 4.55V
loop time Tx to Rx, no bus failure, ISO configuration
tLOOPRD
max
N/A
1.5us
loop time Tx to Rx, with bus failure, ISO configuration
tLOOPRD-F
max
N/A
1.9us
loop time Tx to Rx, with bus failure and +-1.5V gnd shift,
5 node network, ISO configuration
tLOOPRD/DR-F+GS
N/A
3.6us
Minimum Dominant time for Wake up on CANL or CANH
(Tem Vbat mode)
tWAKE
min
N/A
8
typ
30
16
max
N/A
30
T2SPI timing
T2spi
min
not specified, 25us
spec applied
25us
DEVICE BEHAVIOR
CANH or CANL open wire recovery principle
Reference MC33889B: on page
33
after 4 non
consecutive pulses
after 4 consecutive
pulses
Rx behavior in TermVbat mode
Reference MC33889D: on page
34
Rx recessive, no pulse Rx recessive, dominant
pulse to signal bus
traffic
Notes
1.
This datasheet uses the term 33889 in the inclusive sense, referring to both the D version (33889D) and the B version (33689B).
2.
The 33889D and 33889B versions are nearly identical. However, where variations in characteristic occur, these items will be separated
onto individual lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com