Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
RDSON at Tj = 125°C, and IOUT -150 mA
VSUP > 9.0 V
RDSON125
-
-
5.0
Ohms
RDSON at Tj = 125°C, and IOUT -120 mA
5.5 V < VSUP < 9.0 V
RDON125-2
-
4.0
5.5
Ohms
Output current limitation
ILIM
160
-
500
mA
Over temperature Shutdown
OVT
155
-
190
°C
Leakage current
ILEAK
-
-
10
µA
Output Clamp Voltage at IOUT = -1.0 mA (18)
no inductive load drive capability
VCL
-1.5
-
-0.3
V
INPUT PINS (L0 AND L1)
L0 Negative Switching Threshold
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTH0N
1.7
2.0
2.0
2.0
2.4
2.5
3.0
3.0
3.1
V
L0 Positive Switching Threshold
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTH0P
2.2
2.5
2.5
2.75
3.4
3.5
4.0
4.0
4.1
V
L1 Negative Switching Threshold
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTH1N
2.0
2.5
2.7
2.5
3.0
3.2
3.0
3.7
3.8
V
L1 Positive Switching Threshold
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18V
18 V < VSUP < 27 V
VTH1P
2.7
3.0
3.5
3.3
4.0
4.2
3.8
4.7
4.8
V
Hysteresis
5.5 V < VSUP < 27 V
VHYST
0.6
1.0
1.3
V
Input current
-0.2 V < VIN < 40 V
IIN
-10
-
10
µA
CAN MODULE SPECIFICATION (TX, RX, CANH, CANL, RTH, AND RTL)
DC Voltage On Pins TX, RX
VLOGIC
-0.3
VDD1 + 0.3
V
DC voltage at V2 (V2INT)
V2INT
0.0
5.25
V
DC Voltage On Pins CANH, CANL
VBUS
-20
+27
V
Notes
18.
Refer to HS1 negative maximum rating voltage limitation of -0.2V.
Table 4. Static Electrical Characteristics (continued).
Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com