Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 17. Status bits
Comments:
CS2 bit at 0 = open failure. CS2 bit at 1 = short failure.
(CS3 bit at 0 and (CS1 = 1 or CS2 =1)) = CANH failure. CS3 bit at 1 = CANL failure.
CS1 and CS0 bits: short type failure coding (gnd, VDD or VBAT).
In case of multiple failures, the last failure is reported.
CS3
CS2
CS1
CS0
Bus failure #
Description
0
0
0
0
no failure
0
0
0
1
1
CANH open wire
0
1
0
1
5
CANH short circuit to
ground
0
1
1
0
8, 3a
VDD
0
1
1
1
3
VBAT
1
0
0
1
2
CANL open wire
1
1
0
1
4, 7
CANL short circuit to
ground / CANH
1
1
1
0
9
VDD
1
1
1
1
6
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com