Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
In application, with CAN communication, a recovery
condition is detected after 4 acknowledge bits are sent by the
MC33889B.
MC33889D:
When detection is complete, the counter is decremented
by sampling the dominant pulse (recovery pulse) on S-H (S-
L), and incremented (up to 4) by sampling the recessive pulse
(detection pulses) on S-H (S-L). It is necessary to get 4
consecutive dominant samples (recovery pulse) to get to
zero. When reaching zero, the failure is recovered.
In application with real CAN communication, a recovery
condition will not be detected by a single acknowledge bit
send by MC33889D, but requires a complete CAN message
(at least 4 dominant bits) send in dual wire mode, without
reception of any bit in single wire mode.
Tx permanent dominant detection:
In addition to the previous list, the MC33889 detects a
permanent low state at the TX input which results in a
permanent dominant bus state. If TX is low for more than
0.75-4ms, the bus output driver is disabled. This avoids
blocking communication between other nodes of the network.
TXD is reported via the SPI (RCR register bit D1:
TXFAILURE). Tx permanent dominant recovery is done with
TX recessive for more than typ 32us.
Rx pin behavior while CAN interface is in TermVbat.
The MC33889D is able to signal bus activity on Rx while
the CAN interface is in TermVbat and the SBC in normal or
standby mode. When the bus is driven into a dominant state
by another sending node, each dominant state is reported at
Rx by a low level, after a delay of TWAKE.
The bus state report is done through the CAN interface
wake up comparator on CANL and CANH, and thus operates
also in case of bus failure. This is illustrated in the following
figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com