Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33889
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Internal low power oscillator frequency
Sleep and Stop modes (22)
OSC-F2
-
100
-
kHz
Watchdog period 1
Normal and standby modes
WD1
8.58
9.75
10.92
ms
Watchdog period 2
Normal and standby modes
WD2
39.6
45
50.4
ms
Watchdog period 3
Normal and standby modes
WD3
88
100
112
ms
Watchdog period 4
Normal and standby modes
WD4
308
350
392
ms
Watchdog period accuracy
Normal and standby modes
F1ACC
-12
-
12
%
Normal request mode timeout
Normal request mode
NRTOUT
308
350
392
ms
Watchdog period 1 - stop
Stop mode
WD1STOP
6.82
9.75
12.7
ms
Watchdog period 2- stop
Stop mode
WD2STOP
31.5
45
58.5
ms
Watchdog period 3 - stop
Stop mode
WD3STOP
70
100
130
ms
Watchdog period 4 - stop
Stop mode
WD4STOP
245
350
455
ms
Stop mode watchdog period accuracy
Stop mode
F2ACC
-30
-
30
%
Cyclic sense/FWU timing 1
Sleep and stop modes
CSFWU1
3.22
4.6
5.98
ms
Cyclic sense/FWU timing 2
Sleep and stop modes
CSFWU2
6.47
9.25
12
ms
Notes
22.
Guaranteed by design
Table 5. Dynamic Electrical Characteristics (continued)
VSUP From 5.5 V to 18 V, V2INT from 4.75 to 5.25 V and TJ from -40°C to 150°C unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Conditions
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com