Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33889 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Document Number: MC33889
Rev. 12.0, 3/2007
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as
may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
System Basis Chip with Low
Speed Fault Tolerant CAN
Interface
An SBC device is a monolithic IC combining many functions
repeatedly found in standard microcontroller-based systems, e.g.,
protection, diagnostics, communication, power, etc. The 33889 is an
SBC having fully protected, fixed 5.0 V low drop-out regulator, with
current limit, over-temperature pre-warning and reset.
An output drive with sense input is also provided to implement a
second 5.0 V regulator using an external PNP. The 33889 has Normal,
Standby, Stop and Sleep modes; an internally switched high-side
power supply output with two wake-up inputs; programmable timeout
or window watchdog, Interrupt, Reset, SPI input control, and a low-
speed fault tolerant CAN transceiver, compatible with CAN 2.0 A and
B protocols for module-to-module communications. The combination
is an economical solution for power management, high-speed
communication, and control in MCU-based systems.
Features
• VDD1: 5.0 V low drop voltage regulator, current limitation,
overtemperature detection, monitoring and reset function with total
current capability 200 mA
•V2: tracking function of VDD1 regulator; control circuitry for external
bipolar ballast transistor for high flexibility in choice of peripheral
voltage and current supply
• Four operational modes
• Low standby current consumption in Stop and Sleep modes
• Built-in low speed 125 kbps fault tolerant CAN physical interface.
• External high voltage wake-up input, associated with HS1 VBAT
switch
•150 mA output current capability for HS1 VBAT switch allowing
drive of external switches pull-up resistors or relays
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33889 Simplified Application Diagram
SYSTEM BASIS CHIP
33889
*Recommended for new designs
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33889BDW/R2
-40°C to 125°C
28 SOICW
MCZ33889BEG/R2
MC33889DDW/R2
*MCZ33889DEG/R2
DW SUFFIX
EG SUFFIX (PB-FREE)
PLASTIC PACKAGE
98ASB42345B
28-PIN SOICW
Local Module Supply
Safe Circuits
33889
V
MOSI
SCLK
MISO
SPI
CS
Wake-Up Inputs
5.0 V
MCU
VPWR
CAN Bus
Twisted
Pair
HS1
WDOG
VDD1
INT
RST
MOSI
SCLK
MISO
TXD
RXD
GND
VSUP
L0
L1
V2CTRL
V2
CANH
CANL
RTH
RTL
CS
2


Similar Part No. - 33889

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3388 ETC-3388 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
3388 ETC-3388 Datasheet
317Kb / 1P
Trace Live 120/220VAC Power Lines (250VAC max)
logo
Heyco.
3388 HEYCO-3388 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Adafruit Industries
3388 ADAFRUIT-3388 Datasheet
119Kb / 2P
Micro B USB Cable with LCD Voltage / Current Display
5-1-17
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

Similar Description - 33889

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Aug-2003
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33389 FREESCALE-33389 Datasheet
1Mb / 49P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
System voltage regulator with fault tolerant low speed CAN transceiver
19-Sep-2013
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com