Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33889 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 24. Status bits
TIM REGISTERS
Description: This register is split into 2 sub registers, TIM1 and TIM2.
TIM1 controls the watchdog timing selection as well as the window or timeout option. TIM1 is selected when bit D3 is 0.
TIM2 is used to define the timing for the cyclic sense and forced wake-up function. TIM2 is selected when bit D3 is 1.
No read operation is allowed for registers TIM1 and TIM2
TIM REGISTER
Table 25. TIM Register.
L0WUb
L0WUa
FDIS bit in CAN
register
Description
0
0
0
No wake-up occurred at L0 (sleep or stop mode).
Low level state on L0 (standby or normal mode)
1
1
0
Wake-up occurred at L0 (sleep or stop mode).
High level state on L0 (standby or normal mode)
0
1
1
Wake-up occurred at L0 (sleep or stop mode with L0 filter disable). WUR must be set
to xx00 before sleep or stop mode.
L1WUb
L1WUa
Description
0
0
No wake-up occurred at L1 (sleep or stop mode).
Low level state on L1 (standby or normal mode)
1
1
Wake-up occurred at L1 (sleep or stop mode).
High level state on L1 (standby or normal mode)
TIM1
D3
D2
D1
D0
$101b
W
0
WDW
WDT1
WDT0
R
Reset
0
0
0
Reset condition
POR, RESET
POR, RESET
POR, RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com