Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 21 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PS501 Datasheet HTML 17Page - Microchip Technology PS501 Datasheet HTML 18Page - Microchip Technology PS501 Datasheet HTML 19Page - Microchip Technology PS501 Datasheet HTML 20Page - Microchip Technology PS501 Datasheet HTML 21Page - Microchip Technology PS501 Datasheet HTML 22Page - Microchip Technology PS501 Datasheet HTML 23Page - Microchip Technology PS501 Datasheet HTML 24Page - Microchip Technology PS501 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 21
PS501
8.1.4
BatteryMode (0x03)
This function selects the various battery operational
modes and reports the battery’s capabilities, modes
and condition.
Bit 0: INTERNAL_CHARGE_CONTROLLER
Bit set indicates that the battery pack contains its own
internal charge controller. When the bit is set, this
optional
function
is
supported
and
the
CHARGE_CONTROLLER_ENABLED
bit
will
be
activated.
Bit 1: PRIMARY_BATTERY_SUPPORT
Bit set indicates that the battery pack has the ability to
act as either the primary or secondary battery in a sys-
tem. When the bit is set, this optional function is
supported and the PRIMARY_BATTERY bit will be
activated.
Bit 2-6: Reserved
Bit 7: CONDITION_FLAG
Bit set indicates that the battery is requesting a
conditioning cycle. This typically will consist of a full
charge to full discharge, back to full charge of the pack.
The battery will clear this flag after it detects that a
conditioning cycle has been completed.
Bit 8: CHARGE_CONTROLLER_ENABLED
Bit is set to enable the battery pack’s internal charge
controller. When this bit is cleared, the internal charge
controller is disabled (default). This bit is active only
when the INTERNAL_CHARGE_CONTROLLER bit is
set.
Bit 9: PRIMARY_BATTERY
Bit is set to enable a battery to operate as the primary
battery in a system. When this bit is cleared, the battery
operates in a secondary role (default). This bit is active
only when the PRIMARY_BATTERY_SUPPORT bit is
set.
Bit 10-12: Reserved
Bit 13: ALARM_MODE
Disables the Smart Battery’s transmission of the
BatteryStatus bits on an alarm condition. Will reset to
enabled after 60 seconds.
Bit 14: CHARGER_MODE
Enables or disables the Smart Battery’s transmission of
ChargingCurrent and ChargingVoltage messages to
the Smart Battery Charger. When set, the Smart
Battery
will
not
transmit
ChargingCurrent
and
ChargingVoltage values to the charger. When cleared,
the Smart Battery will transmit the ChargingCurrent
and ChargingVoltage values to the charger when
charging is desired.
Bit 15: CAPACITY_MODE
Indicates if capacity information will be reported in mA/
mAh or 10 mW/10 mWh. When set, the capacity informa-
tion will be reported in 10 mW/10 mWh. When cleared,
the capacity information will be reported in mA/mAh.
8.1.5
AtRate (0x04)
AtRate is a value of current or power that is
used by three
other
functions:
AtRateTimeToFull,
AtRateTimeToEmpty and AtRateOK:
• AtRateTimeToFull returns the predicted time to full
charge at the AtRate value of charge current.
• AtRateTimeToEmpty function returns the
predicted operating time at the AtRate value of
discharge current.
•AtRateOK function returns a Boolean value that
predicts the battery’s ability to supply the AtRate
value of additional discharge current for
10 seconds.
8.1.6
AtRateTimeToFull (0x05)
Returns the predicted remaining time to fully charge the
battery at the AtRate value (mA). The AtRateTimeToFull
function is part of a two-function call set used to deter-
mine the predicted remaining charge time at the AtRate
value in mA. It will be used immediately after the SMBus
Host sets the AtRate value.
8.1.7
AtRateTimeToEmpty (0x06)
Returns the predicted remaining operating time if the
battery is discharged at the AtRate value. The
AtRateTimeToEmpty function is part of a two-function
call set used to determine the remaining operating time
at the AtRate value. It will be used immediately after the
SMBus Host sets the AtRate value.
8.1.8
AtRateOK (0x07)
Returns a Boolean value that indicates whether or not
the battery can deliver the AtRate value of additional
energy for 10 seconds (Boolean). If the AtRate value is
zero or positive, the AtRateOK function will always
return true. The AtRateOK function is part of a two-
function call set used by power management systems to
determine if the battery can safely supply enough energy
for an additional load. It will be used immediately after
the SMBus Host sets the AtRate value.
8.1.9
Temperature (0x08)
Returns the cell pack’s internal temperature in units of
0.1°K.
8.1.10
Voltage (0x09)
Returns the pack voltage (mV).
8.1.11
Current (0x0a)
Returns the current being supplied (or accepted)
through the battery’s terminals (mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com