Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 1 Page - Microchip Technology

  PS501 Datasheet HTML 1Page - Microchip Technology PS501 Datasheet HTML 2Page - Microchip Technology PS501 Datasheet HTML 3Page - Microchip Technology PS501 Datasheet HTML 4Page - Microchip Technology PS501 Datasheet HTML 5Page - Microchip Technology PS501 Datasheet HTML 6Page - Microchip Technology PS501 Datasheet HTML 7Page - Microchip Technology PS501 Datasheet HTML 8Page - Microchip Technology PS501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 1
PS501
Features
• Single chip solution for rechargeable battery
management
• Footprint compatible with PS401
• SMBus 1.1 and SBData 1.1 compatible
• Precise capacity reporting for Lithium Ion and
Lithium Polymer battery chemistries
• Embedded PowerSmart® patented algorithms
contained in customizable on-chip 16-Kbyte Flash
memory
• User configurable and “learned” parameters
stored in on-chip 256 x 8 EEPROM
• Algorithms and parameters fully field
reprogrammable via SMBus interface
• Integrating sigma-delta A/D converter with 9 to
16-bit programmable resolution which accurately
measures:
- Current through sense resistor
- High-voltage (18V) battery cells directly
connected to VCELL inputs
- Temperature measurement from on-chip
sensor or optional external thermistor
• Integrated precision silicon time base
• Twelve individually programmable input/output
pins that can be assigned as charge control I/O,
secondary safety function I/O, SOC LED output or
general purpose I/O
- Two of the twelve I/Os are high voltage,
capable for direct drive of Charge and Safety
FETs
• On-chip regulator generates precision digital and
analog supply voltages directly from pack voltage
• Supports direct connection to 2 to 4-cell Lithium
packs
• Flexible power operating modes:
- Run: Continuous operation
- Sample: Periodic measurements at
programmable intervals
- Sleep: Shutdown mode due to low voltage.
Power consumption less than 25
µA.
- Shelf-Sleep: Shuts off PS501 power consumption
for pack storage with automatic wake-up on pack
insertion. Power consumption is less than 1
µA.
• Integrated Reset Control
- Power-on Reset
- Watchdog Timer Reset
- Brown-out Detection Reset
Pin Description
Pin Summary
Pin Name
Type
Description
VDDD, VSSD
Supply
Digital supply voltage input,
ground
GPIO(0..9)
I/O
Programmable digital I/O
GPIOHV1,2
I/O
Open-drain programmable
digital I/O for direct drive of
FETs
MCLR
I
Master Clear. Pull-up in
normal operation
SMB-CLK,
SMB-DTA
I/O
SMBus interface
VC(1..4)
I
Cell voltage inputs
VDDA, VSSA
Supply
Voltage regulator output
(internally connected to
analog supply input),
ground
RSHP, RSHN
I
Current sense resistor input
VNTC
I
External thermistor input
VREFT
O
Thermistor reference
voltage
ROSC
I
Internal oscillator bias
resistor
VDDD
GPIO(4)
GPIO(5)
GPIO(6)
GPIO(7)
SMB-CLK
SMB-DTA
VC(4)
VC(3)
VC(2)
VC(1)
VDDA
VSSA
RSHP
VSSD
GPIO(3)
GPIO(2)
GPIO(1)
GPIO(0)
GPIOHV2
MCLR
GPIOHV1
GPIO(9)
GPIO(8)
ROSC
VREFT
VNTC
RSHN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
28-pin SSOP Package - 209 mil
Single Chip Field Reprogrammable Battery Manager


Similar Part No. - PS501

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS501-HRP AXIOMTEK-PS501-HRP Datasheet
199Kb / 2P
Power Supplies
PS501-HRP AXIOMTEK-PS501-HRP Datasheet
131Kb / 1P
Mini Redundant Power
logo
PREMO CORPORATION S.L
PS5014 PREMO-PS5014 Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
PS5014-100M PREMO-PS5014-100M Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
PS5014-101M PREMO-PS5014-101M Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
More results

Similar Description - PS501

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
Battery Manager Chip
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
220Kb / 8P
MAX1259 Battery Manager
19-4638; Rev 1; 4/94
logo
List of Unclassifed Man...
WD61C96A ETC1-WD61C96A Datasheet
14Mb / 201P
Single-Chip VLSI Peripheral Cache Manager
logo
Microchip Technology
PS402-01XX MICROCHIP-PS402-01XX Datasheet
614Kb / 46P
Single Chip Battery Manager - Nickel Chemistries
2003
PS501 MICROCHIP-PS501_04 Datasheet
575Kb / 44P
Single Chip Field Reprogrammable Battery Manager - Nickel Chemistries
2004
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
Lowpower Semiconductor ...
LP28010 POWER-LP28010 Datasheet
770Kb / 12P
Single-Chip, Li-Ion/Polymer Battery Charge Manager
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
Battery Backup System Manager
logo
Maxim Integrated Produc...
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
Battery Manager Chip
111999
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
Battery Manager
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com