Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 5 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 5 Page - Microchip Technology

  PS501 Datasheet HTML 1Page - Microchip Technology PS501 Datasheet HTML 2Page - Microchip Technology PS501 Datasheet HTML 3Page - Microchip Technology PS501 Datasheet HTML 4Page - Microchip Technology PS501 Datasheet HTML 5Page - Microchip Technology PS501 Datasheet HTML 6Page - Microchip Technology PS501 Datasheet HTML 7Page - Microchip Technology PS501 Datasheet HTML 8Page - Microchip Technology PS501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 5
PS501
2.0
A/D OPERATION
The PS501 A/D converter measures current, voltage
and temperature and integrates the current over time to
predict State-Of-Charge. Pack voltage and individual
cell voltages are monitored and can be individually cal-
ibrated for the best accuracy. Using an external sense
resistor, current is monitored during both charge and
discharge and is integrated over time using the on-chip
oscillator as the time base. Temperature is measured
from the on-chip temperature sensor or an optional
external thermistor. Current and temperature are also
calibrated for accuracy.
2.1
A/D Converter List
The A/D converter alternately measures pack voltage,
cell voltages, current, temperature and auto-offset as
explained below. The schedule for the sequence and
frequency of these measurements is programmable, as
is the number of bits used. The default scheduling uses
three lists. At near full (above the voltage point
ADLNearFull) and near empty (below the voltage point
ADLNearEmpty), voltage intensive lists are used to
accurately end charge or discharge. In between
ADLNearFull and ADLNearEmpty, a current intensive
schedule is used to more accurately calculate capacity.
2.2
Current Measurement
The A/D input channels for current measurement are
the RSHP and RSHN pins. The current is measured
using an integrating method, which averages over time
to get the current measurement and integrates over
time to get a precise measurement value.
A 5 to 600 milli-Ohm sense resistor is connected to
RSHP and RSHN as shown in the example schematic.
The maximum input voltage at either RSHP or RSHN is
+/-150 mV. The sense resistor should be properly sized
to accommodate the lowest and highest expected
charge and discharge currents, including suspend
and/or standby currents.
Circuit traces from the sense resistor should be as
short as practical without significant crossovers or
feedthroughs. Failure to use a single ground reference
point at the negative side of the sense resistor can
significantly degrade current measurement accuracy.
The EEPROM value, NullCurr, represents the zero
zone current of the battery. This is provided as a
calibration guardband for reading zero current. Cur-
rents below the +/- NullCurr (in mA) limit are read as
zero and are not included in the capacity algorithm
calculations. A typical value for NullCurr is 3 mA, so
currents between -3 mA and +3 mA will be reported as
zero and not included in the capacity calculations.
The equation for current measurement resolution and
sense resistor selection is shown in the following
equation.
EQUATION 2-1:
In-circuit calibration of the current is done using the
SMBus interface at time of manufacture to obtain
absolute accuracy. The current measurement equation
is:
EQUATION 2-2:
COCurr is the “Correction Offset for Current” which
compensates
for
any
offset
error
in
current
measurement stored in EEPROM.
CFCurr is the “Correction Factor for Current” which
compensates for any variances in the actual sense
resistance over varying currents stored in EEPROM.
Figure 2-1 shows the relationship of the COCurr and
CFCurr values.
FIGURE 2-1:
COCurr AND CFCurr
VALUE RELATIONSHIP
2.3
Auto-Offset Compensation
Accuracy drift is prevented using an automatic auto-
zero self-calibration method, which ‘re-zeroes’ the
current measurement circuit every AOMInt * 0.5 sec-
onds when enabled. This feature can correct for drift in
temperature during operation. The auto-offset compen-
sation circuit works internally by disconnecting the
RSHP and RSHN inputs and internally shorting these
inputs to measure the zero input offset. The EEPROM
and calibration value COD is the true zero offset value
of the particular module.
9.15 mV/RSENSE (milli-Ohms) = Current LSB
(Minimum current measurement if > NullCurr)
Current LSB x 16384 = Maximum current
measurement possible
I(ma) = (I_A/D – COCurr) * CFCurr/16384
where:
I_A/D is the internal measurement
Ideal A/D Response
Actual A/D
Response
CFCurr
COCurr
Actual Current
Raw Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com