Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 4 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 4 Page - Microchip Technology

  PS501 Datasheet HTML 1Page - Microchip Technology PS501 Datasheet HTML 2Page - Microchip Technology PS501 Datasheet HTML 3Page - Microchip Technology PS501 Datasheet HTML 4Page - Microchip Technology PS501 Datasheet HTML 5Page - Microchip Technology PS501 Datasheet HTML 6Page - Microchip Technology PS501 Datasheet HTML 7Page - Microchip Technology PS501 Datasheet HTML 8Page - Microchip Technology PS501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
PS501
DS21818C-page 4
 2004 Microchip Technology Inc.
TABLE 1-1:
PIN DESCRIPTIONS
Pin
Name
Description
1VDDD
(Input) Filter capacitor input for digital supply voltage.
2
GPIO(4)
(Bidirectional) Programmable general purpose digital input/output pin (4) or LED driver.
3
GPIO(5)
(Bidirectional) Programmable general purpose digital input/output pin (5) or LED driver.
4
GPIO(6)
(Bidirectional) Programmable general purpose digital input/output pin (6) or LED driver.
5
GPIO(7)
(Bidirectional) Programmable general purpose digital input/output pin (7) or LED driver.
6
SMB-CLK
SMBus clock pin connection.
7
SMB-DTA
SMBus data pin connection.
8
VC(4)
(Input) Cell voltage input for the fourth highest voltage cell in a series string.
9
VC(3)
(Input) Cell voltage input for the third highest voltage cell in a series string.
10
VC(2)
(Input) Cell voltage input for the second highest voltage cell in a series string.
11
VC(1)
(Input) Cell voltage input for the first or highest voltage cell in a series string.
12
VDDA
(Input) Analog supply voltage input.
13
VSSA
Analog ground reference point.
14
RSHP
(Input) Current measurement A/D input from positive side of the current sense resistor.
15
RSHN
(Input) Current measurement A/D input from negative side of the current sense resistor.
16
VNTC
(Input) A/D input for use with an external temperature circuit. This is the midpoint
connection of a voltage divider, where the upper leg is a thermistor (103ETB type) and the
lower leg is a 3.65 KOhm resistor. This input should not go above 150 mV.
17
VREFT
(Output) Reference voltage output for use with temperature measuring A/D circuit. This
150 mV output is the top leg of the voltage divider and connects to an external thermistor.
18
ROSC
External bias resistor.
19
GPIO(8)
(Bidirectional) Programmable general purpose digital input/output pin (8).
20
GPIO(9)
(Bidirectional) Programmable general purpose digital input/output pin (9).
21
GPIOHV1
(Bidirectional) Programmable general purpose digital input/output pin (10). Open-drain,
high-voltage tolerant.
22
MCLR
(Input) Master Clear. Must be pulled up for normal operation.
23
GPIOHV2
(Bidirectional) Programmable general purpose digital input/output pin (12). Open-drain,
high-voltage tolerant.
24
GPIO(0)
(Bidirectional) Programmable general purpose digital input/output pin (0) or LED driver.
25
GPIO(1)
(Bidirectional) Programmable general purpose digital input/output pin (1) or LED driver.
26
GPIO(2)
(Bidirectional) Programmable general purpose digital input/output pin (2) or LED driver.
27
GPIO(3)
(Bidirectional) Programmable general purpose digital input/output pin (3) or LED driver.
28
VSSD
Digital ground reference point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com