Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 22 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PS501 Datasheet HTML 18Page - Microchip Technology PS501 Datasheet HTML 19Page - Microchip Technology PS501 Datasheet HTML 20Page - Microchip Technology PS501 Datasheet HTML 21Page - Microchip Technology PS501 Datasheet HTML 22Page - Microchip Technology PS501 Datasheet HTML 23Page - Microchip Technology PS501 Datasheet HTML 24Page - Microchip Technology PS501 Datasheet HTML 25Page - Microchip Technology PS501 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
PS501
DS21818C-page 22
 2004 Microchip Technology Inc.
8.1.12
AverageCurrent (0x0b)
Returns a one-minute rolling average based on at least
60 samples of the current being supplied (or accepted)
through the battery’s terminals (mA).
8.1.13
MaxError (0x0c)
Returns the expected margin of error (%) in the State-
Of-Charge calculation. For example, when MaxError
returns 10% and RelativeStateOfCharge returns 50%,
the RelativeStateOfCharge is actually between 50%
and 60%. The MaxError of a battery is expected to
increase until the Smart Battery identifies a condition
that will give it higher confidence in its own accuracy.
For example, when a Smart Battery senses that it has
been fully charged from a fully discharged state, it may
use that information to reset or partially reset MaxError.
The Smart Battery can signal when MaxError has
become too high by setting the CONDITION_FLAG bit
in BatteryMode.
8.1.14
RelativeStateOfCharge (0x0d)
Returns the predicted remaining battery capacity
expressed as a percentage of FullChargeCapacity (%).
8.1.15
AbsoluteStateOfCharge (0x0e)
Returns the predicted remaining battery capacity
expressed as a percentage of DesignCapacity (%).
Note that AbsoluteStateOfCharge can return values
greater than 100%.
8.1.16
RemainingCapacity (0x0f)
Returns the predicted remaining battery capacity. The
RemainingCapacity value is expressed in either current
(mAh) or power (10 mWh), depending on the setting of
the BatteryMode’s CAPACITY_MODE bit.
8.1.17
FullChargeCapacity (0x10)
Returns the predicted pack capacity when it is fully
charged. It is based on either current or power,
depending on the setting of the BatteryMode’s
CAPACITY_MODE bit.
8.1.18
RunTimeToEmpty (0x11)
Returns the predicted remaining battery life at
the present
rate
of
discharge
(minutes).
The
RunTimeToEmpty value is calculated based on either
current or power, depending on the setting of the
BatteryMode’s CAPACITY_MODE bit. This is an impor-
tant distinction because use of the wrong calculation
mode may result in inaccurate return values.
8.1.19
AverageTimeToEmpty (0x12)
Returns
a
one-minute
rolling
average
of
the
predicted remaining
battery
life
(minutes).
The
AverageTimeToEmpty value is calculated based on
either current or power, depending on the setting of the
BatteryMode’s CAPACITY_MODE bit. This is an impor-
tant distinction because use of the wrong calculation
mode may result in inaccurate return values.
8.1.20
AverageTimeToFull (0x13)
Returns a one-minute rolling average of the predicted
remaining time until the Smart Battery reaches full
charge (minutes).
8.1.21
ChargingCurrent (0x14)
Sets the maximum charging current for the Smart
Charger to charge the battery. This can be written to the
Smart Charger from the Smart Battery or requested by
the Smart Charger from the battery.
8.1.22
ChargingVoltage (0x15)
Sets the maximum charging voltage for the Smart
Charger to charge the battery. This can be written to the
Smart Charger from the Smart Battery or requested by
the Smart Charger from the battery.
8.1.23
BatteryStatus (0x16)
Returns the Smart Battery’s status word (flags). Some of the
BatteryStatus flags, like REMAINING_CAPACITY_ALARM
and REMAINING_TIME_ALARM, are calculated based
on either current or power, depending on the setting of
the BatteryMode’s CAPACITY_MODE bit. This is impor-
tant because use of the wrong calculation mode may
result in an inaccurate alarm. The BatteryStatus function
is used by the power management system to get alarm
and status bits, as well as error codes, from the Smart
Battery. This is basically the same information returned
by the SBData AlarmWarning function except that the
AlarmWarning function sets the error code bits all high
before sending the data. Also, information broadcasting
is disabled in the PS501.
Battery Status Bits:
bit 15:
OVER_CHARGED_ALARM
bit 14:
TERMINATE_CHARGE_ALARM
bit 13:
Reserved
bit 12:
OVER_TEMP_ALARM
bit 11:
TERMINATE_DISCHARGE_ALARM
bit 10:
Reserved
bit 9:
REMAINING_CAPACITY_ALARM
bit 8:
REMAINING_TIME_ALARM
bit 7:
INITIALIZED
bit 6:
DISCHARGING
bit 5:
FULLY_CHARGED
bit 4:
FULLY_DISCHARGED
The Host system assumes responsibility for detecting
and responding to Smart Battery alarms by reading the
BatteryStatus to determine if any of the alarm bit flags
are set. At a minimum, this requires the system to poll
the Smart Battery BatteryStatus every 10 seconds at all
times the SMBus is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com