Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 17 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PS501 Datasheet HTML 13Page - Microchip Technology PS501 Datasheet HTML 14Page - Microchip Technology PS501 Datasheet HTML 15Page - Microchip Technology PS501 Datasheet HTML 16Page - Microchip Technology PS501 Datasheet HTML 17Page - Microchip Technology PS501 Datasheet HTML 18Page - Microchip Technology PS501 Datasheet HTML 19Page - Microchip Technology PS501 Datasheet HTML 20Page - Microchip Technology PS501 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 17
PS501
Each condition in the table is processed by applying a
“comparison function” to the selected data (“condition
selection”) and the given constant (“condition thresh-
old”). The result of this operation (“true” or “false”) from
each condition in the group is combined as dictated by
the “AND-OR” “combination function” bit in the flag
byte. Because the “AND” function has precedence over
the “OR”, processing the CG can be described as
OR’ing subgroups of ANDs (see Example 7-1 below).
One 8-bit timer (clocked at 500 msec) is associated
with all 16 CSF(s). The timer compared to its threshold
is an implied “AND” term to the CG (i.e., if processing
of the CG to set the CSF results in “true”, the timer is
incremented and if timer >= threshold, the SF is set;
otherwise, the SF is not set even though the GC is sat-
isfied). If processing of the CG to set the CSF results in
“false”, the timer is set to zero. The timer is not allowed
to increment past the threshold.
The conditions in the order they are stored in memory
will build the activation equation until bit 7 of byte 1 is
set, signifying the last condition of the group. At that
point, the next group of conditions is the Reset
equation. When the next to last condition bit is set, a
new activation group begins.
EXAMPLE 7-1:
CONDITION GROUPS
TABLE 7-3:
CONDITIONS FOR EXAMPLE 7-1
Example Condition Group:
(VCELL-min < 3200) .AND. (CURR > 100) .OR. (TEMP > 60) .AND. (CURR > 200)
because of precedence the equation would be interpreted:
((VCELL-min < 3200) .AND. (CURR > 100)) .OR. ((TEMP > 60) .AND. (CURR > 200))
Example Reset Condition Group:
(VCELL-min > 3200) OR (CURR = 200)
Condition
Byte 1
Byte 2
Byte 3, 4
Description
1
x01
x42
x0C80
OR VCELL-min < 3200
2
x10
x0A
x0064
AND CURR > 100
3
x00
x08
x0D02
OR TEMP > 60°C (3330 degrees K * 10)
4
x80
x0A
x00C8
AND CURR > 200 (last condition bit set)
1
x00
x42
x0C80
OR VCELL-min > 3200
2
x82
x0A
x00C8
OR CURR = 200 (last condition bit set)
TABLE 7-4:
PARAMETERS
Name
Length
Description
SAFE_GPIO_MASK_00
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_01
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_02
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_03
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_04
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_05
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_06
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_07
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_08
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_09
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_10
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_GPIO_MASK_11
2
Mask applied to the CSF, if <> 0, GPIO is set
SAFE_TIMER_LIMIT_0
1
Timer threshold/limit (500 msec tics)
SAFE_TIMER_LIMIT_1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com