Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 35 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PS501 Datasheet HTML 31Page - Microchip Technology PS501 Datasheet HTML 32Page - Microchip Technology PS501 Datasheet HTML 33Page - Microchip Technology PS501 Datasheet HTML 34Page - Microchip Technology PS501 Datasheet HTML 35Page - Microchip Technology PS501 Datasheet HTML 36Page - Microchip Technology PS501 Datasheet HTML 37Page - Microchip Technology PS501 Datasheet HTML 38Page - Microchip Technology PS501 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 35
PS501
10.0
ELECTRICAL CHARACTERISTICS
TABLE 10-1:
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VCX
Voltage at any VC(x) pin
-0.3
18.5
V
VPIN
Voltage directly at any pin (except VCELLx)
-0.5
7.0
V
TBIAS
Temperature under Bias
-20
85
°C
TSTORAGE
Storage Temperature (package dependent)
-35
125
°C
Note:
These are stress ratings only. Stress greater than the listed ratings may cause permanent damage to the device.
Exposure to absolute maximum ratings for an extended period may affect device reliability. Functional operation
is implied only at the listed operating conditions below.
TABLE 10-2:
DC CHARACTERISTICS (TA = -20°C TO +85°C; VREG (INTERNAL) = +3.3V ± 10%)
Symbol
Characteristic
Min
Typ
Max
Units
Condition
VSUPPLY
Supply Voltage – Applied to VC(1)
5.6
—
18.0
V
IDD
Instantaneous Supply Current
—
220
—
µA
(Note 1)
IDDRUN
Average Supply Current – Run Mode
—
175
—
µA
A/D active (Note 1)
IDDINS
Inactive Supply Current – Sample Mode
—
150
—
µA
A/D inactive (Note 1, 2)
IDDSSLP
Inactive Supply Current – Low-Power Mode
—
25
—
µA
A/D inactive (Note 1, 2)
IDDSLP
Average Supply Current – Ultra Low-Power Mode
—
0.8
1
µA
Sleep mode (Note 1, 4)
IWAKE
Wake-up Current Threshold from Sleep Mode –
(voltage across sense resistor)
2.50
3.75
5.00
mV
VIL
Input Low Voltage – GPIO(7-0)
—
—
0.2 * VDDD
V
VIH
Input High Voltage – GPIO(7-0)
0.8 * VDDD
——
V
IIL-IOPU
GPIO Input Low Current – Pull-up Mode
-37.5
-110
-140
µA
IIH-IOPD
GPIO Input High Current – Pull-down Mode
-37.5
-110
-140
µA
IL
Leakage Current – GPIO pins Programmed
as Outputs
—1
2
µA
VOL
Output Low Voltage for GPIO(7-0)
—
—
0.6
V
IOL = 0.5 mA
VOH-IO
Output High Voltage for GPIO(7-0)
(non-LED mode)
2.0
—
—
V
IOH = 100
µA
VOH-LED
Output High Voltage for GPIO(7-0) (LED mode)
2.0
—
—
V
IOH = 10 mA (Note 3)
VSR
Sense Resistor Input Voltage Range
-152
—
152
mV
VNTC
Thermistor Input Voltage Range
0
—
152
mV
VREFT
NTC Reference Voltage Output at VREFT pin
—
150
—
mV
VIL-SMB
Input Low Voltage for SMBus pins
-0.5
—
0.8
V
VIH-SMB
Input High Voltage for SMBus pins
2.0
—
5.5
V
VOL-SMB
Output Low Voltage for SMBus pins
—
—
0.4
V
IPULLUP = 350
µA
VOH-SMB
Output High Voltage for SMBus pins
2.1
—
5.5
V
IPULLUP-SMB Current through Pull-up Resistor or Current
Source for SMBus pins
100
—
350
µA
ILEAK-SMB
Input Leakage Current – SMBus pins
—
—
± 5
µA
Note 1:
Does not include current consumption due to external loading on pins. Valid for a maximum voltage of 16.8 volts
for the referenced current specification.
2:
Sample mode current is specified during an A/D inactive cycle. Sample mode average current can be calculated using
the formula: Average Sample Mode Supply Current = (IDDRUN + (n – 1) * IDDINS)/n; where ‘n’ is the programmed
sample rate.
3:
During LED illumination, currents may peak at 10 mA but average individual LED current is typically 5 mA (using
low-current, high-brightness devices).
4:
Measured at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com