Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 24 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PS501 Datasheet HTML 20Page - Microchip Technology PS501 Datasheet HTML 21Page - Microchip Technology PS501 Datasheet HTML 22Page - Microchip Technology PS501 Datasheet HTML 23Page - Microchip Technology PS501 Datasheet HTML 24Page - Microchip Technology PS501 Datasheet HTML 25Page - Microchip Technology PS501 Datasheet HTML 26Page - Microchip Technology PS501 Datasheet HTML 27Page - Microchip Technology PS501 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
PS501
DS21818C-page 24
 2004 Microchip Technology Inc.
TABLE 8-2:
PS501 ALARMS AND STATUS SUMMARY
TABLE 8-3:
Temperature, ChargingCurrent ( ) AND ChargingVoltage ( ) SUMMARY
For all other temperature conditions: ChargingCurrent ( ) = ChrgCurr
ChargingVoltage ( ) = ChrgVolt
Battery Status
Set Condition
Clear Condition
FULLY_CHARGED bit
Set at End-Of-Charge Condition:
Charge FET off
AND
Any VC(x) input > 4.175V
AND
IAVG < EOC_IAVG for ChrgCntrlTimer number
of consecutive counts
RelativeStateOfCharge ( ) < ClrFullyChrg
(default RSOC = 80%)
OVER_CHARGED_ALARM bit
VCELLx > TCAVolt (default 4.5V/Cell)
All VCELLx < TCAVolt
TERMINATE_CHARGE_ALARM bit
VCELLx > TCAVolt (default 4.5V/Cell)
OR
Charging Temperature ( ) > ChrgMaxTemp
(default 60°C)
OR
FULLY_CHARGED bit = 1
All VCELLx < TCAVolt
AND
Temperature ( ) < ChrgMaxTemp
AND
Current ( ) = < 0
OVER_TEMP_ALARM bit
Temperature ( ) > HighTempAl (default 55°C)
Temperature ( ) < HighTempAl
TERMINATE_DISCHARGE_ALARM bit Primary Method:
VCELLx < VEOD1 (per look-up table)
AND
Above condition continues for
NearEODRecheck time.
Secondary Method:
VCELLx < VEOD2 (default 3.1V/Cell)
AND
Above condition continues for EODRecheck time.
Primary Method:
All VCELLx > VEOD1
OR
Current ( ) > 0
Secondary Method:
All VCELLx > VEOD2
OR
Current ( ) > 0
REMAINING_CAPACITY_ALARM bit
RemainingCapacity ( ) <
RemainingCapacityAlarm ( )
RemainingCapacity ( ) >
RemainingCapacityAlarm ( )
REMAINING_TIME_ALARM bit
AverageTimeToEmpty ( ) <
RemainingTimeAlarm ( )
AverageTimeToEmpty ( ) >
RemainingTimeAlarm ( )
FULLY_DISCHARGED bit
RemainingCapacity ( ) = 0
RelativeStateOfCharge ( ) > ClrFullyDischrg
(default RSOC = 20%)
Temperature ( ) > HighTempAI (default 60°C)
Charging
Discharging
TERMINATE_CHARGE_ALARM and OVER_TEMP_ALARM
OVER_TEMP_ALARM
Cleared
Temperature ( ) < HighTempAI
Temperature ( ) > ChrgMaxTemp
(default 50°C)
Temperature ( ) > DischrgMaxTemp
(default 65°C)
Charging
Discharging
ChargingCurrent ( ) = ChrgCurrOff
ChargingVoltage ( ) = ChrgVoltOff
Temperature ( ) < ChrgMinTemp
ChargingCurrent ( ) = ChrgCurrOff
ChargingVoltage ( ) = ChrgVolt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com