Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 33 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PS501 Datasheet HTML 29Page - Microchip Technology PS501 Datasheet HTML 30Page - Microchip Technology PS501 Datasheet HTML 31Page - Microchip Technology PS501 Datasheet HTML 32Page - Microchip Technology PS501 Datasheet HTML 33Page - Microchip Technology PS501 Datasheet HTML 34Page - Microchip Technology PS501 Datasheet HTML 35Page - Microchip Technology PS501 Datasheet HTML 36Page - Microchip Technology PS501 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 33
PS501
TABLE 9-7:
CALIBRATION
Parameter
Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description
CalStatus
1
0
255
b10000000 Bit coded as follows:
Bit
Function
7
Factory calibrated
6
EE/Flash downloaded
5
RC oscillator
4
External temperature
3
Internal temperature
2
Current
1
Pack voltage
0
Cell voltages
0
= Not Calibrated
1
= Calibrated
CFCurr
2
0
65535
6844
Correction Factor for Current. Adjusts the scaling of the
sense resistor current measurements. Used to calibrate
the measurement of current at the RSHP and RSHN input
pins. This is set for the size of the current sense resistor.
CFTempE
2
0
65535
1300
Correction Factor for Temperature. Adjusts the scaling of
temperature measured across an external thermistor at the
VNTC input pin.
CFTempI
2
0
65535
9102
Correction Factor for Temperature. Adjusts the scaling of
temperature measured from the internal temperature
sensor. Calibration: New CF_TEMP = Old CF_TEMP x
(Thermometer[°C]/SBData Temperature[°C] )
Note:
SBData Temperature is reported in 0.1°K
normally. It must be converted to °C for this
equation.
CFVCell1
2
0
65535
22325
Calibration Correction Factor for VCELL1. Used to
calibrate the measurement of individual cell voltage
between the VCELL1-4 input pins.
CFVCell2
2
0
65535
22393
Calibration Correction Factor for VCELL2. Used to
calibrate the measurement of individual cell voltage
between the VCELL1-4 input pins.
CFVCell3
2
0
65535
22420
Calibration Correction Factor for VCELL3. Used to
calibrate the measurement of individual cell voltage
between the VCELL1-4 input pins.
CFVCell4
2
0
65535
22470
Calibration Correction Factor for VCELL4. Used to
calibrate the measurement of individual cell voltage
between the VCELL1-4 input pins.
CFVPack
2
0
65535
20045
Correction Factor for Pack Voltage. Adjusts the scaling of
the pack voltage measurements. Used to calibrate the
measurement of pack voltage between VCELL4 input pin
and ground.
COCurr
2
-32768 32767
-12
Correction Offset for Current. This is the value the A/D
reads when zero current is flowing through the sense
resistor.
COD
1
-128
127
-12
Correction Offset Deviation. Offset value for the
auto-zero calibration of the current readings.
SBData Current[mA] = (I_A/D – COCurr) x CFCurr/16384
Calibration: CF_CURR = ((Ammeter[mA] x 16384) –
8192)/(Current – I_A/D at OCV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com