Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 25 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PS501 Datasheet HTML 21Page - Microchip Technology PS501 Datasheet HTML 22Page - Microchip Technology PS501 Datasheet HTML 23Page - Microchip Technology PS501 Datasheet HTML 24Page - Microchip Technology PS501 Datasheet HTML 25Page - Microchip Technology PS501 Datasheet HTML 26Page - Microchip Technology PS501 Datasheet HTML 27Page - Microchip Technology PS501 Datasheet HTML 28Page - Microchip Technology PS501 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 25
PS501
9.0
PARAMETER SETUP
This section documents all of the programmable
parameters that are resident in the EEPROM. The
Parameter Set is organized into the following functional
groups:
1.
Pack Information
2.
Capacity Calculations
3.
EOD and FCC Relearn
4.
Charge Control
5.
GPIO
6.
PS501 Settings
7.
SBData Settings
8.
Calibration
TABLE 9-1:
PACK INFORMATION
Parameter
Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description
BatStatus
1
0
255
b01000000 Lower byte of SBData register for BatteryStatus.
Cells
1
0
255
4
Number of cells in the battery pack.
Chemistry
4
—
—
LION
SBS data for chemistry. Can be any ASCII string. The
chemistry name can be programmed here and retrieved
with the SBData DeviceChemistry command.
Date
2
0
65535
0x3042
SBData value for ManufactureDate. The date of
manufacture of the battery pack can be programmed here
and retrieved with the SBData ManufactureDate
command.
Coding: Date = (Year-1980) x 512 + Month x 32 + Day
DesignCapacity
2
0
65535
4400
SBData value for DesignCapacity. This is the first
capacity loaded into the FullChargeCapacity upon
power-up.
DesignVPack
2
0
65535
14800
SBData value for DesignVoltage.
DeviceName
8
—
—
PS501
SBData value for DeviceName. Can be any ASCII string.
The battery circuit device name can be programmed here
and retrieved with the SBData DeviceName command.
MFGData
4
—
—
0x0
SBS string for ManufacturerData.
MFGName
10
—
—
Microchip
SBS string for ManufacturerName. Can be any ASCII
string, typically the name of the battery pack
manufacturer. Length of string is defined by
MfgNameLength.
PackRes
2
0
65535
65
Resistance of pack.
PW1
2
0
65535
AA4D
First password for the battery pack lock.
PW2
2
0
65535
D4AA
Second password for the battery pack lock.
SpecInfo
2
0
65535
33
Specification info according to SBS Spec. 0011, refers to
Smart Battery Specification version 1.1.
SerialNumber
2
0
65535
100
SBData value for SerialNumber. The serial number of the
battery pack can be programmed here and retrieved with
the SBData SerialNumber command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com