Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 9 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PS501 Datasheet HTML 5Page - Microchip Technology PS501 Datasheet HTML 6Page - Microchip Technology PS501 Datasheet HTML 7Page - Microchip Technology PS501 Datasheet HTML 8Page - Microchip Technology PS501 Datasheet HTML 9Page - Microchip Technology PS501 Datasheet HTML 10Page - Microchip Technology PS501 Datasheet HTML 11Page - Microchip Technology PS501 Datasheet HTML 12Page - Microchip Technology PS501 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 9
PS501
TABLE 3-1:
WakeUp EEPROM VALUE
TABLE 3-2:
WakeLevels EEPROM VALUE
TABLE 3-3:
POWER MODE SUMMARY
Bit
Name
Function
7
WakeIO
Wake-up from I/O Activity
6
WakeBus
Wake-up from SMBus Activity
5Unused
4
WakeVolt
Wake-up from Voltage
3
Enable Shelf-Sleep
Use Ultra Low-Power mode for Shelf-Sleep mode. All other bits
must be zero.
1
LV Sleep Mode
Use Ultra Low-Power mode as Low-Voltage Sleep mode
0
Zero Remcap
Set remap to zero when entering Low-Voltage Sleep mode
WakeUp Voltage (2:0)
Voltage
Purpose
000
6.4V
2 cells Li Ion
001
6.66V
2 cells Li Ion
010
8.88V
2 cells Li Ion
011
9.6V
3 cells Li Ion
100
9.99V
3 cells Li Ion
101
11.1V
3 cells Li Ion
110
12.8V
4 cells Li Ion
111
13.3V
4 cells Li Ion
Mode
Entry
Exit
Notes
Run
Measured current > preset threshold
(set by SampleLimit)
Measured current < preset
threshold (set by SampleLimit)
Highest power consumption
and accuracy for rapidly
changing current.
Sample
Measured current < preset threshold
(set by SampleLimit)
Measured current > preset
threshold (set by SampleLimit)
Saves power for low, steady
current consumption. Not as
many measurements needed.
Measurements made every
NSample periods.
Sleep
VPACK < SleepVPack and in
Sample mode
WakeUp voltage level
exceeded (Low-Power mode)
or SMBus pulled high (Ultra
Low-Power mode)
No measurements made.
Shelf-Sleep
SMBus command
WakeUp register conditions
met (Low-Power mode) or
SMBus pins pulled high (Ultra
Low-Power mode)
No measurements made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com