Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 32 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PS501 Datasheet HTML 28Page - Microchip Technology PS501 Datasheet HTML 29Page - Microchip Technology PS501 Datasheet HTML 30Page - Microchip Technology PS501 Datasheet HTML 31Page - Microchip Technology PS501 Datasheet HTML 32Page - Microchip Technology PS501 Datasheet HTML 33Page - Microchip Technology PS501 Datasheet HTML 34Page - Microchip Technology PS501 Datasheet HTML 35Page - Microchip Technology PS501 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
PS501
DS21818C-page 32
 2004 Microchip Technology Inc.
TABLE 9-6:
SBData SETTINGS
WakeLevels
1
0
255
b11000110 Wake-up Voltage:
WakeUp (2:0)
Voltage
Purpose
000
6.4V
2 cells Li Ion
001
6.66V
2 cells Li Ion
010
8.88V
2 cells Li Ion
011
9.6V
3 cells Li Ion
100
9.99V
3 cells Li Ion
101
11.1V
3 cells Li Ion
110
12.8V
4 cells Li Ion
111
13.3V
4 cells Li Ion
Parameter
Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description
HighTempAl
1
0
255
200
OVER_TEMP_ALARM threshold bit in AlarmWarning register,
0.1°C increments, Coded value = (Celsius * 10 + 200)/4. When
the temperature exceeds HighTempAl, the
OVER_TEMP_ALARM becomes active. If charging, the
TERMINATE_CHARGE_ALARM also becomes active.
NChrgBroadcast
1
0
255
20
Frequency of charging condition broadcasts.
RemCapAl
2
0
65535
440
SBData value for RemCapAl. The SBData specification requires
a default of DesignCapacity/10 for this value. When the remaining
capacity calculation reaches the value of RemCapAl, the
REMAINING_CAPACITY_ALARM bit will be set in the
BatteryStatus register and an alarm broadcast to the Host will
occur if alarm broadcasts are enabled.
RemTimeAl
2
0
65535
10
SBData value for RemTimeAl. SBData requires a default of
10 minutes for this value. When the RunTimeToEmpty
calculation reaches the value of RemTimeAl, the
REMAINING_TIME_ALARM bit in the BatteryStatus register will
be set.
TCAVolt
2
0
65535
4400
Cell voltage when the battery sends
TERMINATE_CHARGE_ALARM. This is a voltage higher than
the End-Of-Charge voltage that will trigger a
TERMINATE_CHARGE_ALARM in case EOC is not responded
to by the charger.
TABLE 9-5:
PS501 SETTINGS (CONTINUED)
Parameter
Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com