Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 13 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PS501 Datasheet HTML 9Page - Microchip Technology PS501 Datasheet HTML 10Page - Microchip Technology PS501 Datasheet HTML 11Page - Microchip Technology PS501 Datasheet HTML 12Page - Microchip Technology PS501 Datasheet HTML 13Page - Microchip Technology PS501 Datasheet HTML 14Page - Microchip Technology PS501 Datasheet HTML 15Page - Microchip Technology PS501 Datasheet HTML 16Page - Microchip Technology PS501 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 13
PS501
5.0
CHARGE CONTROL
A SBS configuration normally allows the Smart Battery
to broadcast the ChargingVoltage and ChargingCurrent
values to the Smart Battery Charger (SMBus address
12 hex) to ‘control’ when to start charge, stop charge
and when to signal a valid ‘fully charged’ condition.
AlarmWarnings are also sent from the Smart Battery
(SMBus address 16 hex) to the Smart Battery Charger.
Alternately, the SMBus Host or a “Level 3” Smart
Battery Charger may simply read the SBData values
for ChargingVoltage and ChargingCurrent from the
Smart Battery directly. The Host or “Level 3” Smart
Battery Charger is also required to read the SBData
value of BatteryStatus to obtain the appropriate alarm
and status bit flags. When used in this configuration,
the ChargingCurrent and ChargingVoltage broadcasts
can be disabled from the Smart Battery by setting the
CHARGER_MODE (bit 14) in the BatteryMode regis-
ter. The PS501 ICs support all of these functions.
(Please refer to the SBS Smart Battery Charger
Specification for a definition of the “Level 3” Smart
Battery Charger.)
The ChargingCurrent and ChargingVoltage registers
contain the maximum charging parameters desired by
the particular chemistry, configuration and environmen-
tal conditions. The environmental conditions include
the measured temperature and the measured cell or
pack voltages.
For Li-based systems, ChargingVoltage should be set
to the product of the EOCVolt and Cells values from
the EEPROM:
EQUATION 5-1:
The ChargingCurrent value is set to a maximum using
the ChrgCurr value from the EEPROM. For Lithium
systems, both ChargingCurrent and ChargingVoltage
values are maximums. When the current reaches
ChrgCurr, it will be held constant at this value. Then,
when the voltage reaches ChrgVolt, the current must
be reduced so that the voltage will be constant and not
exceed the maximum. This is accomplished by setting
ChargingCurrent to ChrgCurrOff. For safety reasons,
this current change also occurs when the temperature
limits are exceeded. When temperature or voltage lim-
its are exceeded, the value of ChargingCurrent
changes to the ChrgCurrOff value from the EEPROM.
When a valid End-Of-Charge (EOC) condition is
detected and a fully charged state is reached, the
ChargingCurrent value is set equal to the ChrgCurrOff
value.
When ChargingCurrent is set to the ChrgCurrOff value,
no broadcasts of either ChargingCurrent or Charging-
Voltage will occur unless a charge current greater than
NullCurr is detected by the A/D measurements.
Temperature limits are set using the ChrgMaxTemp,
DischrgMaxTemp and ChrgMinTemp values from
EEPROM. These values represent the temperature
limits within which ChargingCurrent will be set to
ChrgCurr. Temperatures outside these limits will cause
ChargingCurrent to be set to ChrgCurrOff.
If ChargingCurrent is set to ChrgCurrOff and the mea-
sured temperature is greater than DischrgMaxTemp
and less than ChrgMaxTemp and a charge current is
measured which is significantly larger than the
ChrgCurrOff value, then ChargingCurrent will be set to
ChrgCurr unless a fully charged condition has already
been reached.
If the CHARGER_MODE bit in the BatteryMode regis-
ter is cleared (enabling broadcasts of ChargingCurrent
and ChargingVoltage), then these broadcasts will occur
every NChrgBroadcast measurement cycle.
The Smart Battery Data and Smart Battery Charger
Specifications
require
that
ChargingCurrent
and
ChargingVoltage broadcasts occur no faster than once
per 5 seconds and no slower than once per 60 seconds
when charging is occurring or desired. This requires
that the NChrgBroadcast value must be set between
10 and 120. The SMBus Specification also requires
that no broadcasts occur during the first 10 seconds
after SMBus initialization.
EXAMPLE 5-1:
CONFIGURATION
ChargingVoltage = EOCVolt x Cells
Measurement cycle is 500 msec
NChrgBroadcast
=
100 decimal
ChrgCurr
=
2500 decimal
ChrgCurrOff
=10 decimal
ChrgMaxTemp
=
162 decimal
DischrgMaxTemp =
137 decimal
ChrgMinTemp
=50 decimal
Results:
ChargingCurrent and ChargingVoltage broadcasts:
100 cycles of 500 msec = every 50 seconds
Broadcast delay after SMBus initialization:
10 seconds
ChargingCurrent if Temperature > 45°C: 10 mA
ChargingCurrent if Temperature < 0°C: 10 mA
ChargingCurrent if Temperature < 35°C and
> 0°C: 2500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com