Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 29 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PS501 Datasheet HTML 25Page - Microchip Technology PS501 Datasheet HTML 26Page - Microchip Technology PS501 Datasheet HTML 27Page - Microchip Technology PS501 Datasheet HTML 28Page - Microchip Technology PS501 Datasheet HTML 29Page - Microchip Technology PS501 Datasheet HTML 30Page - Microchip Technology PS501 Datasheet HTML 31Page - Microchip Technology PS501 Datasheet HTML 32Page - Microchip Technology PS501 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 29
PS501
PrechargeCurr
2
0
65535
100
Precharge current required. Posted to SBData
ChargingCurrent during precharge conditions.
PrechargeMax
2
0
65535
500
Maximum precharge current allowed. When exceeded under
precharge conditions, SBData ChargingCurrent is set to
zero.
PrechargeTemp
1
0
255
60
Precharge temperature, Coded value = (Celsius * 10 + 200)/4.
This is the temperature under which precharging should occur.
PrechargeVCell
2
0
65535
2500
Precharge cell voltage. This is the voltage under which
precharging should occur.
SOCThreshold
1
0
255
125
Second EOC trigger based on State-Of-Charge,
100 = 100%. A second End-Of-Charge trigger is built into the
PS501, such that if the State-Of-Charge exceeds a certain
value, End-Of-Charge will be forced, even if the taper or
pulse current was not detected. When State-Of-Charge
reaches SOCThreshold, then End-Of-Charge will trigger.
StableCurr
1
0
255
50
EOC trigger current deviation level. In order to prevent
current spikes from causing a premature taper current trig-
ger, the average current and the instantaneous current must
be within StableCurr of each other for the End-Of-Charge to
trigger on the taper current.
TaperCRate
6
0
255
3
Upper limit EOC taper current based on temperature,
TaperCRate = 64/1C. Example: If 1C = 2200 and
TaperCRate = 3, then the upper limit for taper window is
3/64 * 2200 = 103 mA.
TaperLow
1
0
255
1
Lower limit EOC taper current, TaperLow = 64/1C.
Example: If 1C = 2200 and TaperLow = 1, then the lower
limit for taper window is 1/64 * 2200 = 34 mA.
TaperTemp
5
0
255
125
Temperature corresponding to TaperCRate byte,
TaperTemp = (temp. °C * 10 + 200)/4.
Example: TaperTemp = 100 [(100 * 4 – 200)/10 = 20°C].
TABLE 9-4:
CHARGE CONTROL (CONTINUED)
Parameter
Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com