Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 3 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 3 Page - Microchip Technology

  PS501 Datasheet HTML 1Page - Microchip Technology PS501 Datasheet HTML 2Page - Microchip Technology PS501 Datasheet HTML 3Page - Microchip Technology PS501 Datasheet HTML 4Page - Microchip Technology PS501 Datasheet HTML 5Page - Microchip Technology PS501 Datasheet HTML 6Page - Microchip Technology PS501 Datasheet HTML 7Page - Microchip Technology PS501 Datasheet HTML 8Page - Microchip Technology PS501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 3
PS501
1.1
Architectural Description
The PS501 is a a fully field reprogrammable single chip
solution
for
rechargeable
battery
management.
Figure 1-1 is an internal block diagram highlighting the
major architectural elements described below.
1.2
Microcontroller/Memory
The PS501 incorporates an advanced, low-power
Microchip PIC18 8-bit RISC microcontroller core. Mem-
ory resources include 16 Kbytes of reprogrammable
Flash memory for program/data storage and 256 bytes
of EEPROM for parameter storage. Both memory
arrays may be reprogrammed through the SMBus
interface.
1.3
A/D Converter
The PS501 performs precise measurements of current,
voltage and temperature, using a highly accurate 16-bit
integrating sigma-delta A/D converter. The A/D can be
calibrated to eliminate gain and offset errors and incor-
porates an auto-zero offset correction feature that can
be performed while in the end system application.
1.4
PowerSmart® Firmware/Battery
Models
Contained within the 16-Kbyte Flash memory is the
PowerSmart developed battery management firmware
that incorporates proprietary algorithms and sophisti-
cated 3-dimensional cell models. Developed by battery
chemists, the patented, self-learning 3D cell models
contain over 250 parameters and compensate for self-
discharge, temperature and other factors. In addition,
multiple capacity correction and error reducing func-
tions are performed during charge/discharge cycles to
enhance accuracy and improve fuel gauge and charge
control performance. As a result, accurate battery
capacity reporting and run-time predictions with less
than 1% error are achievable.
The reprogrammability of the Flash allows firmware
upgrades and customized versions to be rapidly
created without the need for silicon revisions.
The PS501 can be easily customized for a particular
application’s battery cell chemistry. Standard configura-
tion files are provided by PowerSmart for a wide variety
of popular rechargeable cells and battery pack
configurations.
1.5
SMBus Interface/SBData
Commands
Communication with the host is fully compliant with the
industry
standard
Smart
Battery
System
(SBS)
specification. Included is an advanced SMBus commu-
nications engine that is compliant with the SMBus v1.1
protocols. The integrated firmware processes all the
revised Smart Battery Data (SBData) v1.1 values.
1.6
Accurate Integrated Time Base
The PS501 integrates a highly accurate silicon oscilla-
tor that provides accurate timing for self-discharge and
capacity calculations and eliminates the need for an
external crystal.
1.7
Temperature Sensing
An integrated temperature sensor is provided to
minimize component count when the PS501 IC is
located in close physical proximity to the battery cells
being monitored. As an option, a connection is
provided for an external thermistor that can also be
monitored.
1.8
General Purpose I/O
Twelve programmable digital input/output pins are
provided by the PS501. Eight of these pins can be used
as LED outputs to display State-Of-Charge (SOC),
used for direct control of external charge circuitry or to
provide additional levels of safety in Li Ion packs.
Alternatively, they can be used as general purpose
input/outputs. Two of the I/Os are open-drain outputs
and can thus be used to directly drive FETs or other
high-voltage applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com