Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 20 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PS501 Datasheet HTML 16Page - Microchip Technology PS501 Datasheet HTML 17Page - Microchip Technology PS501 Datasheet HTML 18Page - Microchip Technology PS501 Datasheet HTML 19Page - Microchip Technology PS501 Datasheet HTML 20Page - Microchip Technology PS501 Datasheet HTML 21Page - Microchip Technology PS501 Datasheet HTML 22Page - Microchip Technology PS501 Datasheet HTML 23Page - Microchip Technology PS501 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
PS501
DS21818C-page 20
 2004 Microchip Technology Inc.
TABLE 8-1:
SMART BATTERY DATA FUNCTIONS
SBData Function Name
Command Code
Access
Parameter Reference
Units
ManufacturerAccess – Write(1)
0x00
R/W
ManufacturerAccess – Read(1)
0x00
R/W
RemainingCapacityAlarm
0x01
R/W
RemCapAl
mAh or 10 mWh
RemainingTimeAlarm
0x02
R/W
RemTimeAl
Minutes
BatteryMode
0x03
R/W
Bit code
AtRate
0x04
Read
mAh or 10 mWh
AtRateTimeToFull
0x05
Read
Minutes
AtRateTimeToEmpty
0x06
Read
Minutes
AtRateOK
0x07
Read
Binary 0/1 (LSB)
Temperature
0x08
Read
0.1°K
Voltage
0x09
Read
mV
Current
0x0a
Read
mA
AverageCurrent
0x0b
Read
mA
MaxError
0x0c
Read
%
RelativeStateOfCharge
0x0d
Read
%
AbsoluteStateOfCharge
0x0e
Read
%
RemainingCapacity
0x0f
Read
mAh or 10 mWh
FullChargeCapacity
0x10
Read
mAh or 10 mWh
RunTimeToEmpty
0x11
Read
Minutes
AverageTimeToEmpty
0x12
Read
Minutes
AverageTimeToFull
0x13
Read
Minutes
ChargingCurrent
0x14
Read
ChrgCurr or ChrgCurrOff mA
ChargingVoltage
0x15
Read
ChrgVolt or ChrgVoltOff
mV
BatteryStatus
0x16
Read
BatStatus
Bit code
CycleCount
0x17
Read
Cycles
Integer
DesignCapacity
0x18
Read
DesignCapacity
mAh or 10 mWh
DesignVoltage
0x19
Read
DesignVPack
mV
SpecificationInfo
0x1a
Read
SBDataVersion
Coded
ManufactureDate
0x1b
Read
Date
Coded
SerialNumber
0x1c
Read
SerialNumber
Not specified
Reserved
—
—
—
—
ManufacturerName
0x20
Read
MFGName
ASCII text string
DeviceName
0x21
Read
DeviceName
ASCII text string
DeviceChemistry
0x22
Read
Chemistry
ASCII text string
ManufacturerData
0x23
Read
MFGData
Hex string
OptionalMfgFunction4
0x3c
Read
V1 Cell Voltage
mV
OptionalMfgFunction3
0x3d
Read
V2 Cell Voltage
mV
OptionalMfgFunction2
0x3e
Read
V3 Cell Voltage
mV
OptionalMfgFunction1
0x3f
Read
V4 Cell Voltage
mV
Note 1: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com