Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 10 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PS501 Datasheet HTML 6Page - Microchip Technology PS501 Datasheet HTML 7Page - Microchip Technology PS501 Datasheet HTML 8Page - Microchip Technology PS501 Datasheet HTML 9Page - Microchip Technology PS501 Datasheet HTML 10Page - Microchip Technology PS501 Datasheet HTML 11Page - Microchip Technology PS501 Datasheet HTML 12Page - Microchip Technology PS501 Datasheet HTML 13Page - Microchip Technology PS501 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
PS501
DS21818C-page 10
 2004 Microchip Technology Inc.
4.0
CAPACITY MONITORING
The PS501 internal CPU uses the voltage, current and
temperature data from the A/D converter, along with
parameters and cell models, to determine the state of the
battery and to process the SBData function instruction
set.
By integrating measured current, monitoring voltages
and temperature, adjusting for self-discharge and
checking for End-Of-Charge and End-Of-Discharge
conditions, the PS501 creates an accurate fuel gauge
under all battery conditions.
4.1
Capacity Calculations
The PS501 calculates State-Of-Charge and fuel gaug-
ing functions using a ‘coulomb counting’ method, with
additional inputs from battery voltage and temperature
measurements. By continuously and accurately mea-
suring all the current into and out of the battery cells,
along with accurate three-dimensional cell models, the
PS501 is able to provide accurate predictions of SOC
and run-time.
The capacity calculations consider two separate states:
charge acceptance or Capacity Increasing (CI) and dis-
charge or Capacity Decreasing (CD). The CI state only
occurs when a charge current larger than the EEPROM
NullCurr value is measured. Otherwise, while at rest
and/or while being discharged, the state is CD.
Conditions must persist for at least NChangeState
measurement periods for a valid state change between
CD and CI. A minimum value of 2 is suggested for
NChangeState.
Regardless of the CI or CD state, self-discharge is also
calculated and subtracted from the integrated capacity
values. Even when charging, there is still a self-discharge
occurring in the battery.
To compensate for known system errors in the capacity
calculations, a separate error term is also continuously
calculated. This term is the basis for the SBData value
of MaxError. Two error values are located in EEPROM.
The CurrError value is the inherent error in current
measurements and should be set based on the selec-
tion of a sense resistor and calibration results. The
SelfDischrgErr value is the error in the parameter
tables for self-discharge and depends on the accuracy
of the cell chemistry model for self-discharge.
Since the PS501 electronics also drain current from the
battery system, another EEPROM value allows even
this minor drain to be included in the capacity calcula-
tions. The PwrConsumption value represents the
drain of the IC and associated circuitry, including
additional safety monitoring electronics if present. A
typical value of 77 represents the module’s nominal
power consumption, including the PS501 typical
consumption.
The total capacity added or subtracted from the battery
(change in charge) per measurement period is
expressed by the following formula:
EQUATION 4-1:
The error terms are always subtracted, even though
they are +/- errors, so that the fuel gauge value will
never be overestimated. Current draw of the PS501
and
the
self-discharge
terms
are
also
always
subtracted. The SBData value, MaxError, is the total
accumulated error as the gas gauge is running.
The battery current will be precisely measured and
integrated in order to calculate total charge removed
from or added to the battery. Based on look-up table
values, the capacity is adjusted for self-discharge
relative to current, temperature and SOC.
4.2
Discharge Termination
Discharge termination is determined based on the
End-Of-Discharge (EOD) voltage point. The voltage
level at which this point occurs can be chosen to be
constant, or to change depending on the temperature
and discharge rate, since these factors affect the volt-
age curve and total capacity of the battery. The EOD
voltage parameter table predicts the voltage point at
which this EOD will be reached, based on discharge
rate and temperature.
The PS501 will monitor temperature and discharge rate
continuously and update the Veodx in real-time. When
the voltage measured on the cell is below EOD voltage
for the duration of EODRecheck x periods (500 ms), a
valid EOD has occurred.
When
a
valid
EOD
has
been
reached,
the
TERMINATE_DISCHARGE_ALARM
bit
(bit 11)
in
BatteryStatus
will
be
set.
This
will
cause
an
AlarmWarning condition with this bit set.
Additionally, the REMAINING_TIME_ALARM and/or
REMAINING_CAPACITY_ALARM bits can be set first to
give a user defined early warning prior to the
TERMINATE_DISCHARGE_ALARM. The remaining
time alarm will trigger in battery status when the remain-
ing time calculation falls below a threshold set by the
SMBus command. The remaining capacity alarm will be
set in battery status when the capacity falls below a
threshold set by the SMBus command. Use an SMBus
Write command to Remaining TimeAlarm (command
code 0x02) or RemainingCapacityAlarm (command
code 0x01) to set these values.
∆Charge = Σi∆t (the current integrated over time)
- CurrError (Current Measurement Error)
- PwrConsumption *
∆t (PS501 IDD)
- % of Self-Discharge * FCC
- SelfDischrgErr (Self-Discharge Error)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com