Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 36 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PS501 Datasheet HTML 32Page - Microchip Technology PS501 Datasheet HTML 33Page - Microchip Technology PS501 Datasheet HTML 34Page - Microchip Technology PS501 Datasheet HTML 35Page - Microchip Technology PS501 Datasheet HTML 36Page - Microchip Technology PS501 Datasheet HTML 37Page - Microchip Technology PS501 Datasheet HTML 38Page - Microchip Technology PS501 Datasheet HTML 39Page - Microchip Technology PS501 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
PS501
DS21818C-page 36
 2004 Microchip Technology Inc.
TABLE 10-3:
AC CHARACTERISTICS (TA = -20°C TO +85°C; VREG (INTERNAL) = +3.3V ± 10%)
Symbol
Characteristic
Min
Typ
Max
Units
Condition
fRC
Internal RC Oscillator Frequency
—
512.000
—
kHz
fAD
Internal A/D Clock Frequency
—
fRC/16
—
kHz
tCONV
A/D Conversion Measurement Time, n-bit + sign
—
2n/fAD
—
ms
TABLE 10-4:
AC CHARACTERISTICS – SMBus (TA = -20°C TO +85°C;
VREG (INTERNAL) = +3.3V ± 10%)
Symbol
Characteristic
Min
Typ
Max
Units
Condition
fSMB
SMBus Clock Operating Frequency
<1.0
—
100
kHz
Slave mode
fSMB-MAS
SMBus Clock Operating Frequency
50
fRC/8
68
kHz
Master mode (Note 1)
tBUF
Bus Free Time between START and
STOP
4.7
—
—
µs
tSHLD
Bus Hold Time after Repeated START
4.0
—
—
µs
tSU:STA
Setup Time before Repeated START
4.7
—
—
µs
tSU:STOP
STOP Setup Time
4.0
—
—
µs
tHLD
Data Hold Time
300
—
—
µs
tSETUP
Data Setup Time
250
—
—
µs
tTIMEOUT
Clock Low Time-out Period
10
—
35
ms
(Note 2)
tLOW
Clock Low Period
4.7
—
—
µs
tHIGH
Clock High Period
4.0
—
50
µs
(Note 3)
tLOW:SEXT
Message Buffering Time
—
—
10
ms
(Note 4)
tLOW:MEXT
Message Buffering Time
—
—
10
ms
(Note 5)
tF
Clock/Data Fall Time
—
—
300
ns
(Note 6)
tR
Clock/Data Rise Time
—
—
1000
ns
(Note 6)
Note 1:
Used when broadcasting AlarmWarning, ChargingCurrent and/or ChargingVoltage values to either a
SMBus Host or a SMBus Smart Battery Charger. This is only used when the PS501 becomes a SMBus
master for these functions. The receiving (slave) device may slow the transfer frequency. See SMBus
Tutorial in P4 User’s Guide for additional information.
2:
The PS501 will time-out when the cumulative message time defined from Start-to-Ack, Ack-to-Ack or
Ack-to-Stop exceeds the value of tTIMEOUT, min. of 25 ms. The PS501 will reset the communication no
later than tTIMEOUT, max. of 35 ms.
3:
tHIGH max. provides a simple method for devices to detect bus idle conditions.
4:
tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message
from the initial start to the stop.
5:
tLOW:MEXT is the cumulative time a master device is allowed to extend its clock cycles within each byte of
a message as defined from Start-to-Ack, Ack-to-Ack or Ack-to-Stop.
6:
Rise and fall time is defined as follows:
tR = (VIL
MAX -0.15) to (VIHMIN +0.15)
tF = 0.9 VDD to (VIL
MAX -0.15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com