Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 34 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 34 Page - Microchip Technology

Back Button PS501 Datasheet HTML 30Page - Microchip Technology PS501 Datasheet HTML 31Page - Microchip Technology PS501 Datasheet HTML 32Page - Microchip Technology PS501 Datasheet HTML 33Page - Microchip Technology PS501 Datasheet HTML 34Page - Microchip Technology PS501 Datasheet HTML 35Page - Microchip Technology PS501 Datasheet HTML 36Page - Microchip Technology PS501 Datasheet HTML 37Page - Microchip Technology PS501 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PS501
DS21818C-page 34
 2004 Microchip Technology Inc.
COTempE
1
-128
127
-2
Correction Offset for Temperature. Offset = 0 used for
temperature measurement using internal temperature sensor.
COTempI
2
-32768 32767
21647
Correction Offset for Temperature. Offset = 0 used for
temperature measurement using internal temperature sensor.
COVCell
1
-128
127
0
Correction Offset for Cell Voltage. Offset factor used for
individual cell voltage readings.
SBData Voltage[mV] = (V_A/D – CO_VOLT) x
CF_VOLT/2048
Calibration: New CF_VOLT = Old CF_VOLT x
(Voltmeter[mV]/SBData Voltage[mV])
COVPack
1
-128
127
0
Correction Offset for Voltage. Offset factor used for pack
voltage reading.
BGCal
1
0
255
0
Band gap voltage calibration factor.
RefCal
1
0
255
0
Reference voltage calibration factor.
VCellSafeVolt
2
0
65535
4150
Safe threshold for VCELLs.
SampleModeRechecks
1
0
255
6
# of OPCs current < SampleLimit before entering
Sample mode.
AgeFactor
1
0
255
0
Scale factor for EOD voltage due to aging.
RemCapDelta
1
0
255
1
Maximum change in remaining capacity per
measurement period.
Flags2
1
0
255
10000000 Bit 7: 1 = compensate remcap only on discharge
Bit 6: internal test bit (CJ)
Bit 5: internal test bit (CL)
Bit 4: compensate remcap on null current
Bit 3: unused
Bit 2: 1 = cell balancing enabled
Bit 1: 1 = compensate VC4/VPACK
Bit 0: 1 = compensate VC1/VPACK
VcellmbSet
1
0
255
100
Voltage difference to trigger internal cell balancing.
VcellmbReset
1
0
255
80
Voltage difference to turn off cell balancing.
PwrUpTimer
1
0
255
4
Time during which GPIO are inactive after first power-up.
VC1Res
2
0
65535
0
Series resistance for VCELL1 measurement. 1/16384 ohms.
VC4Res
2
0
65535
0
Series resistance for VCELL4 measurement. 1/16384 ohms.
NPermLogCnt
1
0
255
0
Counter for logging Faults.
NPermLogReg
1
0
255
0
Register for logging Faults.
ReInitGPIO
2
0
65535
0
Register for resetting all GPIO during testing.
GPIODelayFlags
2
0
65535
0
Positive logic change of GPIO is delayed when upper byte
is set. Lower byte maps to GPIO.
GPIODelayMS
1
0
255
0
GPIO delay in milliseconds, when GPIODelayFlags has
the delay enabled.
ParamVersion
1
0
255
0
EEPROM version control number.
KeyByte
1
0
255
0xDA
EE keybyte must be 0xDA before P5 will exit
Bootloader mode.
EOD1Recheck
1
0
255
8
Recheck period for EOD.
EOCTimeout
2
0
65535
60
EOC time-out timer.
CapErrReset
2
0
65535
0
Value to set MaxError to at EOD.
ImbalanceSOC
1
0
255
20
RSOC below which cell balance is measured.
TABLE 9-7:
CALIBRATION (CONTINUED)
Parameter
Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com