Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 37 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PS501 Datasheet HTML 33Page - Microchip Technology PS501 Datasheet HTML 34Page - Microchip Technology PS501 Datasheet HTML 35Page - Microchip Technology PS501 Datasheet HTML 36Page - Microchip Technology PS501 Datasheet HTML 37Page - Microchip Technology PS501 Datasheet HTML 38Page - Microchip Technology PS501 Datasheet HTML 39Page - Microchip Technology PS501 Datasheet HTML 40Page - Microchip Technology PS501 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 37
PS501
FIGURE 10-1:
SMBus AC TIMING DIAGRAMS
TABLE 10-5:
A/D CONVERTER CHARACTERISTICS (TA = -20°C TO +85°C;
VREG (INTERNAL) = +3.3V ± 10%)
Symbol
Characteristic
Min
Typ
Max
Units
Condition
ADRES
A/D Converter Resolution
9
—
16
bits
(Note 1)
VADIN
A/D Converter Input Voltage Range
(internal)
170
—
170
mV
Differential mode
0
—
340
mV
Single-Ended mode
EVGAIN
Supply Voltage Gain Error
—
—
0.100
%
EVOFFSET
Compensated Offset Error
—
—
0.100
%
ETEMP
Temperature Gain Error
—
—
0.100
%
EINL
Integrated Nonlinearity Error
—
—
0.004
%
Note 1:
Voltage is internal at A/D converter inputs. VSR and VNTC are measured directly. VC(x) inputs are
measured using internal level translation circuitry that scales the input voltage range appropriately for the
converter.
tHD:STA
tBUF
tLOW
tR
tHD:STA
tHIGH
tSU:DAT
tF
tSU:STA
tSU:STA
tSU:STO
P
S
S
P
SCL
SDA
SCL
SDA
tLOW:SEXT
tLOW :MEXT
tLOW:MEXT
SCLACK
SCLACK
Note: SCLACK is the Acknowledge related clock pulse generated by the master.
tLOW:MEXT
TABLE 10-6:
SILICON TIME BASE CHARACTERISTICS (TA = -20°C TO +85°C;
VREG (INTERNAL) = +5.0V ± 10%)
Symbol
Characteristic
Min
Typ
Max
Units
Condition
ETIME
Silicon Time Base Error
—
—
0.35
%
Bias resistor ROSC tolerance = 1%,
TL = ± 100 PPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com