Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 23 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PS501 Datasheet HTML 19Page - Microchip Technology PS501 Datasheet HTML 20Page - Microchip Technology PS501 Datasheet HTML 21Page - Microchip Technology PS501 Datasheet HTML 22Page - Microchip Technology PS501 Datasheet HTML 23Page - Microchip Technology PS501 Datasheet HTML 24Page - Microchip Technology PS501 Datasheet HTML 25Page - Microchip Technology PS501 Datasheet HTML 26Page - Microchip Technology PS501 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
 2004 Microchip Technology Inc.
DS21818C-page 23
PS501
8.1.24
CycleCount (0x17)
CycleCount is updated to keep track of the total usage
of the battery. CycleCount is increased whenever an
amount of charge has been delivered to, or removed
from, the battery equivalent to the full capacity.
8.1.25
DesignCapacity (0x18)
Returns the theoretical capacity of a new pack. The
DesignCapacity value is expressed in either current or
power, depending on the setting of the BatteryMode’s
CAPACITY_MODE bit.
8.1.26
DesignVoltage (0x19)
Returns the theoretical voltage of a new pack (mV).
8.1.27
SpecificationInfo (0x1a)
Returns the version number of the Smart Battery
specification the battery pack supports.
8.1.28
ManufactureDate (0x1b)
This function returns the date the cell pack was manu-
factured in a packed integer. The date is packed in the
following fashion: (year-1980) * 512 + month * 32 + day.
8.1.29
SerialNumber (0x1c)
This function is used to return a serial number. This
number, when combined with the ManufacturerName,
the DeviceName and the ManufactureDate, will
uniquely identify the battery.
8.1.30
ManufacturerName (0x20)
This function returns a character array containing the
battery manufacturer’s name.
8.1.31
DeviceName (0x21)
This function returns a character string that contains
the battery’s name.
8.1.32
DeviceChemistry (0x22)
This function returns a character string that contains
the
battery’s
chemistry.
For
example,
if
the
DeviceChemistry function returns “NiMH”, the battery
pack would contain nickel metal hydride cells. The
following is a partial list of chemistries and their
expected abbreviations. These abbreviations are not
case sensitive.
Lead Acid: PbAc
Lithium Ion: LION
Nickel Cadmium: NiCd
Nickel Metal Hydride: NiMH
Nickel Zinc: NiZn
Rechargeable Alkaline-Manganese: RAM
Zinc Air: ZnAr
8.1.33
ManufacturerData (0x23)
This function allows access to the manufacturer data
contained in the battery (data).
8.1.34
OptionalMfgFunction
The PS501 includes new SBData functions using the
OptionalMfgFunction command codes. The command
codes, 3C hex to 3F hex, report the individual cell volt-
ages as measured by the analog-to-digital converter.
These voltages are reported in mV and are calculated
to include compensation for calibration and sense
resistance voltage drops. Only one cell voltage is mea-
sured per measurement cycle (depending on Run or
Sample mode operation).
Rapid voltage changes will see some variation in volt-
ages due to the delay of measurement. These voltage
values may be used for cell balancing or other
functions as the Host system may desire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com